Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSDF9510 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSDF9510
Description  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDF9510 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSDF9510 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSDF9510
13A, 100V, RDS(ON) 110mΩ
Ω
Ω
Ω
-13A, -100V, RDS(ON) 210mΩ
Ω
Ω
Ω
N And P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
14-Nov-2012 Rev. A
Page 2 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
Drain-Source Breakdown
Voltage
N-Ch
BVDSS
100
-
-
V
VGS=0, ID=250µA
P-Ch
-100
-
-
VGS=0, ID= -250µA
Gate-Threshold Voltage
N-Ch
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250µA
P-Ch
-1
-
-2.5
VDS=VGS, ID= -250µA
Gate-Source Leakage Current
N-Ch
IGSS
-
-
±100
nA
VGS= ±20V
P-Ch
-
-
±100
Drain-Source Leakage Current
N-Ch
IDSS
-
-
1
µA
VDS=80V, VGS=0, TJ=25°C
P-Ch
-
-
-1
VDS= -80V, VGS=0, TJ=25°C
N-Ch
-
-
5
VDS=80V, VGS=0, TJ=55°C
P-Ch
-
-
-5
VDS= -80V, VGS=0 , TJ=55°C
Drain-Source On-Resistance
2
N-Ch
RDS(ON)
-
-
110
m
VGS=10V, ID=8A
P-Ch
-
-
210
VGS= -10V, ID= -8A
N-Ch
-
-
120
VGS=4.5V, ID=6A
P-Ch
-
-
250
VGS= -4.5V, ID= -6A
Total Gate Charge
N-Ch
Qg
-
26.2
-
nC
N-Channel
VDS=80V, VGS=10V, ID=10A
P-Channel
VDS= -80V, VGS= -4.5V, ID= -8A
P-Ch
-
16
-
Gate-Source Charge
N-Ch
Qgs
-
4.6
-
P-Ch
-
4.4
-
Gate-Drain (“Miller”) Charge
N-Ch
Qgd
-
5.1
-
P-Ch
-
8.7
-
Turn-on Delay Time
N-Ch
Td(on)
-
4.2
-
nS
N-Channel
VDS=50V, RG=3.3 ,RL=5
VGS=10V, ID=10A
P-Channel
VDS= -50V, RG=3.3 , RD=6.25
VGS= -10V, ID= -8A
P-Ch
-
9
-
Rise Time
N-Ch
Tr
-
8.2
-
P-Ch
-
45
-
Turn-off Delay Time
N-Ch
Td(off)
-
35.6
-
P-Ch
-
40
-
Fall Time
N-Ch
Tf
-
9.6
-
P-Ch
-
4.6
-
Input Capacitance
N-Ch
Ciss
-
1535
-
pF
N-Channel
VGS=0, VDS=15V, f=1.0MHz
P-Channel
VGS=0, VDS= -15V, f=1.0MHz
P-Ch
-
1590
-
Output Capacitance
N-Ch
Coss
-
60
-
P-Ch
-
110
-
Reverse Transfer Capacitance
N-Ch
Crss
-
37
-
P-Ch
-
70
-
Gate Resistance
N-Ch
Rg
-
2
4
VDS=VGS=0, f=1.0MHz
P-Ch
-
8
12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com