Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKTBC331KB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECKTBC331KB
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKTBC331KB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECKTBC331KB Datasheet HTML 1Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 2Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 3Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 4Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Capacitors (Safety Regulation SMD)
SS
L
A
B
W
E
■ Dimensions in mm (not to scale)
● Type BC, FC
■ Specifications
Characteristics
Temp. Char. SL/GP
Temp. Char. B/Y5P, E/Y5U, F/Y5V
Operating Temperature Range
–25 to 100 °C (–25 to 85 °C for UL approved)
Rated Voltage250 VAC
Dielectric
Withstanding Voltage
1500 VAC for 1 minute
Capacitance
Within the specified tolerance, when measured
at 1 MHz±20 %, 1 to 5 Vrms. and 20 °C
Within the specified tolerance, when measured
at 1 kHz±20 %, 1 to 5 Vrms. and 20 °C
Q or Dissipation Factor
(tan
δ)
30 pF or under
Q
> 200+10 C (C:Cap.pF)
over 30 pF
Q
> 500
at 1 MHz±20 %, 1 to 5 Vrms. and 20 °C
tan
δ < 0.025
at 1 kHz±20 %, 1 to 5 Vrms. and 20 °C
Insulation Resistance
10000 M
min. at 500 VDC and 1 minute electrification
Temperature
Characteristics
Temperature Coefficient:+350 to –1000 ppm/ °C
over the temperature range 20 to 85 °C
Char.
Max. Cap. Change
Temp. Range
B/Y5P
±10 %
–25 to 85 °C
E/Y5U
+20, –55 %
F/Y5V
+30, –80 %
Symbol
L
W
H
S
E
A
B
Dim.
Type BC
7.1±0.5 6.3±0.3 2.5±0.3 1.45±0.30 2.5±0.2
(2.0)
(3.7)
Type FC
5.7±0.5 4.5±0.3 2.3 max. 0.85±0.30 2.5±0.2
(1.7)
(3.1)
■ Related Standards and Certificate Number
Certification Body
Related Standard
Certificate Number
Sub-Class
Rated
Voltage
Dielectric
Withstanding
Voltage
Operating
Temperature
Range
Type BC
Type FC
UL (USA)
UL1414
✽
E62674
––
––
250 VAC
1500 VAC
–25 to 85 °C
UL1414 6th Ed.
––
E62674Y2
2000 VAC
CSA C22.2 No.1
✽
E62674
––
––
1500 VAC
SEMKO (Sweden)
EN132 400:1994 Sub-class Y2
(IEC 60384-14 2nd.Ed.)
0026049/01
0101074/01
0126276/01
Y2
1500 VAC –25 to 100 °C
FIMKO (Finland)
––
FI 16588
FI 17348
DEMKO (Denmark)
––
310914-01
310698-01
NEMKO (Norway)
––
P01101830
P01100665
KTL (Korea)
K60384-14 (IEC60384-14 2nd Ed.)
––
SU03013-
3001
Note :
✽ is for Line-by-pass capacitors. Certification Number sometimes changes with the change of the approval contents and so on.
KTL mark is indicated on the label.
Dec. 2007



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com