Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKTBC331KB Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECKTBC331KB
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKTBC331KB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECKTBC331KB Datasheet HTML 1Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 2Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 3Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 4Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Capacitors (Safety Regulation SMD)
Type Name
Part Number
Capacitance (pF)
Cap. Tolerance
Temp. Char
Dimensions in mm
Type BC
ECCTBC100DG
10
±0.5 pF
SL/GP
7.1L 6.3W 2.5H
ECCTBC150JG
15
±5 %
SL/GP
ECCTBC220JG
22
±5 %
SL/GP
ECCTBC330JG
33
±5 %
SL/GP
ECCTBC470JG
47
±5 %
SL/GP
ECCTBC680JG
68
±5 %
SL/GP
ECKTBC101KB
100
±10 %
B/Y5P
ECKTBC151KB
150
±10 %
B/Y5P
ECKTBC221KB
220
±10 %
B/Y5P
ECKTBC331KB
330
±10 %
B/Y5P
ECKTBC471KB
470
±10 %
B/Y5P
ECKTBC681KB
680
±10 %
B/Y5P
ECKTBC102ME
1000
±20 %
E/Y5U
ECKTBC152ME
1500
±20 %
E/Y5U
ECKTBC222ME
2200
±20 %
E/Y5U
ECKTBC332MF
3300
±20 %
F/Y5V
ECKTBC472MF
4700
±20 %
F/Y5V
Type FC
ECCTFC100DG
10
±0.5 pF
SL/GP
5.7L 4.5W 2.3H
ECCTFC150JG
15
±5 %
SL/GP
ECCTFC220JG
22
±5 %
SL/GP
ECCTFC330JG
33
±5 %
SL/GP
ECKTFC470KB
47
±10 %
B/Y5P
ECKTFC680KB
68
±10 %
B/Y5P
ECKTFC101KB
100
±10 %
B/Y5P
ECKTFC151KB
150
±10 %
B/Y5P
ECKTFC221KB
220
±10 %
B/Y5P
ECKTFC331KB
330
±10 %
B/Y5P
ECKTFC471KB
470
±10 %
B/Y5P
ECKTFC102ME
1000
±20 %
E/Y5U
ECKTFC152MF
1500
±20 %
F/Y5V
ECKTFC222MF
2200
±20 %
F/Y5V
Notes
✻ Other capacitance values are available by special order.
■ Ratings and Characteristics
Dec. 2007



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com