Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKTBC331KB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECKTBC331KB
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKTBC331KB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECKTBC331KB Datasheet HTML 1Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 2Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 3Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 4Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Capacitors (Safety Regulation SMD)
E
1
C
23456789
10
11
12
Product Code
Class
Class1
Class2
Code
ECC
ECK
Type
Code
BC
FC
Type
Type BC
Type FC
Code
G
B
E
F
Temp. Char.
SL/GP
B/Y5P
E/Y5U
F/Y5V
Temp. Char.
Packaging Style
Code
T
Style
Taped type
Capacitance
5pF
10 pF
47 pF
100 pF
220 pF
1000 pF
Nominal Capacitance
Tol.
±0.25 pF
±0.5 pF
±1pF
±5%
±10 %
±20 %
Cap. Tolerance
TB
C
1
0
2
M
E
(Ex.)
050
100
470
101
221
102
Code
C
D
F
J
K
M
Suffix
K
Electrode
Terminal
Ceramic Element
Molded Resin
Ceramic Capacitors (Safety Regulations)
For Surface Mounting Types BC and FC
■ Features
● Resin molded SMD type for reflow soldering
● High reliability
● Safety requirement approved by UL, SEMKO, NEMKO,
FIMKO, DEMKO and KTL (for Type FC)
■ Recommended Application
● Interference suppressors circuit and Isolation circuit of
IT equipment such as MODEM.
● Interference suppressors circuit of small power supply
machinery such as DC-DC converters and power modules.
■ Explanation of Part Numbers
■ Construction
● Type BC, FC
Mar. 2008


Similar Part No. - ECKTBC331KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKTBC331KB PANASONIC-ECKTBC331KB Datasheet
244Kb / 5P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECKTBC331KB PANASONIC-ECKTBC331KB Datasheet
247Kb / 5P
Ceramic Capacitors (Safety Regulation SMD)
ECKTBC331KB PANASONIC-ECKTBC331KB Datasheet
780Kb / 6P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTBC331KB PANASONIC-ECKTBC331KB Datasheet
780Kb / 6P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTBC331KB PANASONIC-ECKTBC331KB Datasheet
787Kb / 6P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
More results

Similar Description - ECKTBC331KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECKTHC101KB PANASONIC-ECKTHC101KB Datasheet
780Kb / 6P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
Ceramic Disc Capacitors (Safety Regulations)
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
Ceramic Disc Capacitors for Safety Regulations
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
Ceramic Disc Capacitors for Safety Regulations
ECK-TFC221KB PANASONIC-ECK-TFC221KB Datasheet
780Kb / 6P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471KB PANASONIC-ECK-THC471KB Datasheet
787Kb / 6P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
Ceramic Disc Capacitors for Safety Regulations
ECK-THC471MB PANASONIC-ECK-THC471MB Datasheet
787Kb / 6P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
Ceramic Disc Capacitors (Safety Regulations)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com