Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKTBC331KB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECKTBC331KB
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKTBC331KB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECKTBC331KB Datasheet HTML 1Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 2Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 3Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 4Page - Panasonic Semiconductor ECKTBC331KB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Capacitors (Safety Regulation SMD)
E
C
D
r
A
Wt
Chip component
Tape running
direction
Feeding hole
Chip pocket
t2
t1
P2 P0
P1
φD0
A
Unloaded
40 mm min.
Unloaded
20 mm min.
Leader tape
400 mm min.
Chip component position
+20
0
–20
–40
–60
–20
0
20
40
60
80
Temperature (˚C)
+40
0
–40
–80
–20
0
20
406080
Temperature (˚C)
+10
0
– 10
Temperature (˚C)
– 20
0
20
40
60
80
100
–15
–10
–5
0
+5
+10
–20
0
20
40
60
80
100
120
Temperature (˚C)
Type
Packaging style
Part Number
Minimum Packing
Quantity
Packing Quantity
in Carton
Carton Dimensions
in mm (L W H)
Type BC
Embossed Carrier
Taping
EC TBC
10 to 2200 pF
2000
pcs./reel
6000 pcs.
350 350 62
Type FC
Embossed Carrier
Taping
EC TFC
10 to 2200 pF
3000
pcs./reel
9000 pcs.
350 350 62
■ Packaging Methods (Taping)
● Minimum Quantity/Packing Unit
● Embossed carrier taping
● Reel
● Leader Part and Taped End
Unit:(mm)
Symbol
AB
C
D
E
W
t
r
Dim.
(mm)
330±5 60 min. 13.0±0.5 21.0±1.0 2.0±0.5 13.5±1.5 2.0±0.5 R1.0
Symbol
AB
W
F
E
P1
P2
P0
φD0 t1
t2
Dim.
(mm)
Type BC
6.5
±0.2
7.5
±0.2 12.0
±0.3
5.5
±0.1
1.75
±0.10
8.0
±0.1
2.00
±0.05
4.0
±0.1
1.5
+0.1
–0
0.3
±0.1
3.2
±0.3
Type FC
4.8
±0.2
6.0
±0.2
2.8
±0.3
Unit:(mm)
■ Typical Characteristics
● Temperature Characteristics
Char. SL/GP
(Temp.Coeff.:+350 to –1000 ppm/°C)
Char. B/Y5P
Temp.Range:–25 to 85 °C
Max.Cap.Change:±10 %
Temp.Range:–25 to 85 °C
max.Cap.Change:+20, –55 %
Char. E/Y5U
(
)
Char. F/Y5V
(
)
Temp.Range:–25 to 85 °C
max.Cap.Change:+30, –80 %
Dec. 2007



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com