Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT8 Datasheet(PDF) 83 Page - ATMEL Corporation

Part # PCINT8
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT8 Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button PCINT8 Datasheet HTML 79Page - ATMEL Corporation PCINT8 Datasheet HTML 80Page - ATMEL Corporation PCINT8 Datasheet HTML 81Page - ATMEL Corporation PCINT8 Datasheet HTML 82Page - ATMEL Corporation PCINT8 Datasheet HTML 83Page - ATMEL Corporation PCINT8 Datasheet HTML 84Page - ATMEL Corporation PCINT8 Datasheet HTML 85Page - ATMEL Corporation PCINT8 Datasheet HTML 86Page - ATMEL Corporation PCINT8 Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 294 page
background image
83
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Table 9-5.
Overriding Signals for Alternate Functions in PA3..PA0
Signal
Name
PA3/PCINT3/ADC3/
ISRC/INT1
PA2/PCINT2/ADC2/
OC0A/DO/MISO
PA1/PCINT1/ADC1/
TXD/TXLIN
PA0/PCINT0/ADC0/
RXD/RXLIN
PUOE
0
SPE & MSTR
LIN_TX_ENABLE
LIN_RX_ENABLE
PUOV
PORTA3 & PUD
PORTA2 & PUD
{ (LIN_TX_ENABLE)
?
(0) : (PORTA1 & PUD)
}
PORTA0 & PUD
DDOE
0
SPE & MSTR
LIN_TX_ENABLE
LIN_RX_ENABLE
DDOV
0
0
LIN_TX_ENABLE
0
PVOE
0
(SPE & MSTR) |
(USI_2_WIRE &
USI_3_WIRE & USIPOS) |
OC0A
LIN_TX_ENABLE
0
PVOV
0
{ (SPE & MSTR) ?
(MISO_OUTPUT) :
( ( USI_2_WIRE &
USI_3_WIRE & USIPOS ) ?
(USI_SHIFTOUT) : (OC0A) )
}
{ (LIN_TX_ENABLE)
?
(LIN_TX) : (0) }
0
PTOE
0
0
0
0
DIEOE
ADC3D |
INT1_ENABLE |
(PCIE0 &
PCMSK03)
ADC2D |
(PCIE0 & PCMSK02)
ADC1D |
(PCIE0 & PCMSK01)
ADC0D |
(PCIE0 & PCMSK00)
DIEOV
INT1_ENABLE |
(PCIE0 &
PCMSK03)
PCIE0 & PCMSK02
PCIE0 & PCMSK01
PCIE0 & PCMSK00
DI
PCINT3 -/- INT1
PCINT2 -/- MISO
PCINT1
PCINT0
AIO
ADC3 -/- ISRC
ADC2
ADC1
ADC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com