Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2.5X6.3MM-RAD Datasheet(PDF) 13 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 9Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 10Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 11Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 12Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 13Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 14Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 15Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 16Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
13
Figure 2. PCM Highway Interface Timing Diagram
Table 12. Switching Characteristics—GCI Highway Serial Interface
(VDD = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter1
Symbol
Test
Conditions
Min
Typ
Max
Units
PCLK Period (2.048 MHz PCLK Mode)
tp
—488
ns
PCLK Period (4.096 MHz PCLK Mode)
tp
—244
ns
FSYNC Period2
tfs
—125
µs
PCLK Duty Cycle Tolerance
tdty
40
50
60
%
FSYNC Jitter Tolerance
tjitter
±120
ns
Rise Time, PCLK
tr
25
ns
Fall Time, PCLK
tf
25
ns
Delay Time, PCLK Rise to DTX Active
td1
20
ns
Delay Time, PCLK Rise to DTX Transition
td2
20
ns
Delay Time, PCLK Rise to DTX Tristate3
td3
20
ns
Setup Time, FSYNC Rise to PCLK Fall
tsu1
25
ns
Hold Time, PCLK Fall to FSYNC Fall
th1
20
ns
Setup Time, DRX Transition to PCLK Fall
tsu2
25
ns
Hold Time, PCLK Falling to DRX Transition
th2
20
ns
FSYNC Pulse Width
twfs
tp/2
ns
Notes:
1. All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VO – 0.4 V and VIL =0.4 V.
Rise and fall times are referenced to the 20% and 80% levels of the waveform.
2. FSYNC source is assumed to be 8 kHz under all operating conditions.
3. Specification applies to PCLK fall to DTX tristate when that mode is selected.
PCLK
DRX
FSYNC
DTX
t
d1
t
d2
t
su 2
t
h2
t
d3
t
r
t
p
t
su 1
t
h1
t
f
t
fs
t
wf s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com