Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2.5X6.3MM-RAD Datasheet(PDF) 11 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 7Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 8Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 9Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 10Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 11Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 12Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 13Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 14Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
11
Figure 1. SPI Timing Diagram
Table 10. Switching Characteristics—SPI
(VDDA = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade, CL =20pF)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Cycle Time SCLK
tc
62
ns
Rise Time, SCLK
tr
25
ns
Fall Time, SCLK
tf
25
ns
Delay Time, SCLK Fall to SDO Active
td1
20
ns
Delay Time, SCLK Fall to SDO
Transition
td2
20
ns
Delay Time, CS Rise to SDO Tri-state
td3
20
ns
Setup Time, CS to SCLK Fall
tsu1
25
ns
Hold Time, CS to SCLK Rise
th1
20
ns
Setup Time, SDI to SCLK Rise
tsu2
25
ns
Hold Time, SDI to SCLK Rise
th2
20
ns
Delay Time between Chip Selects
tcs
220
ns
SDI to SDITHRU Propagation Delay
td4
4
10
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VDDD –0.4 V, VIL =0.4 V
SCLK
CS
SDI
th1
td3
SDO
td1
td2
tsu1
tr
tf
tsu2
th2
tcs
tc
SDITHRU
td4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com