Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2.5X6.3MM-RAD Datasheet(PDF) 5 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 5 Page - Silicon Laboratories

  C2.5X6.3MM-RAD Datasheet HTML 1Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 2Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 3Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 4Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 5Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 6Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 7Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 8Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
5
Table 2. Recommended Operating Conditions
Parameter
Symbol
Test
Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
F-grade
0
25
70
oC
Ambient Temperature
TA
G-grade
–40
25
85
oC
Supply Voltage, Si3226/7
VDD1–VDD4
3.13
3.3
3.47
V
Supply Voltage, Si3208/Si3209
VDD
3.13
3.3
3.47
V
Battery Voltage, Si3208
VBAT
–9
–110
V
Battery Voltage, Si3209
VBAT
–9
–135
V
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
Table 3. 3.3 V Power Supply Characteristics1
(VDD =3.3 V, TA = 0 to 70 ºC for F-Grade, –40 to 85 ºC for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Impedance,
Reset
IDD
VT and VR = Hi-Z
RST =0
—2.4
mA
IVBAT
—0
mA
High Impedance,
Open Current
IDD
VT and VR = Hi-Z
9.7
mA
IVBAT
—0.6
mA
Forward/Reverse Sleep,
On-hook Current
IDD
VTR = –48 V
15
mA
IVBAT
—1.2
mA
Forward/Reverse Active,
On-hook Current
IDD
VTR = –48 V
24
mA
IVBAT
—1.2
mA
Forward/Reverse Active,
Off-hook Current
IDD
ILOOP =30mA
RLOAD =50 Ω
—43—
mA
IVBAT
3.1 + ILOOP
—mA
Forward/Reverse OHT,
On-hook Current
IDD
VTR = –48 V
43
mA
IVBAT
—1.6
mA
Tip/Ring Open,
On-hook Current
IDD
VT or VR = –48 V
VR or VT = Hi-Z
—23—
mA
IVBAT
—0.6
mA
Ringing Current
IDD
VTR =55VRMS + 0 VDC
balanced, sinusoidal, f = 20 Hz
RLOAD = 5 REN = 1400 Ω
—26—
mA
IVBAT
—2.3 + IAVE
—mA
Notes:
1. All specifications are for a single channel of Si3226/7 using Si3208/9 linefeed IC and based on measurements with all
channels in the same operating state.
2. ILOOP is the dc current in the subscriber loop during the off-hook state.
3. IAVE is the average of the full-wave rectified current in the subscriber loop during ringing (IAVE = IPEAK x 2/π).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com