Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRB_P1 Datasheet(PDF) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PRB_P1
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PRB_P1 Datasheet(HTML) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button PRB_P1 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TAS2521
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
At 25°C, AVDD = 1.8V, IOVDD = 1.8 V, SPKVDD = 3.6 V, DVDD = 1.8 V, fS (audio) = 48 kHz, CODEC_CLKIN = 256 × fS,
PLL = Off
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio DAC – Stereo Single-Ended Headphone Output
Load = 16
Ω (single-ended), Input & Output CM =
0.75V, DOSR = 128, Device Setup MCLK = 256*
Device Setup
fs, Channel Gain = 0dB word length = 16 bits;
Processing Block = PRB_P1 Power Tune =
PTM_P3
Full-scale output voltage (0 dB)
0.375
Vrms
ICN
Idle channel noise
Measured as idle-channel noise, A-weighted(1) (2)
18.1
μVms
THD+N
Total harmonic distortion + noise
0-dBFS input, 1-kHz input signal
-78.2
dB
Mute attenuation
Mute
105.5
dB
PSRR
Power-supply rejection ratio(3)
Ripple on AVDD (1.8 V) = 200 mVPP at 1 kHz
48.4
dB
DR
Dynamic range, A-weighted(1) (2)
–60dB 1kHz input full-scale signal
86.8
Gain error
0dB, 1kHz input full scale signal
±0.3
dB
RL = 32 Ω, THD+N ≤ –40 dB
8
PO
Maximum output power
mW
RL = 16 Ω, THD+N ≤ –40 dB
16
DAC DIGITAL INTERPOLATION FILTER CHARACTERISTICS
See for DAC interpolation filter characteristics.
DAC OUTPUT TO CLASS-D SPEAKER OUTPUT; LOAD = 4
Ω (DIFFERENTIAL)
BTL measurement, class-D gain = 6 dB, Measured
ICN
Idle channel noise
37
μVms
as idle-channel noise, A-weighted(1) (2)
BTL measurement, class-D gain = 6 dB, -3dBFS
Output voltage
1.4
Vrms
input
BTL measurement, DAC input = –6 dBFS, class-D
THD+N
Total harmonic distortion + noise
–73.9
dB
gain = 6 dB
BTL measurement, ripple on SPKVDD = 200 mVPP
PSRR
Power-supply rejection ratio
55
dB
at 1 kHz
Mute attenuation
Mute
103
dB
SPKVDD = 3.6 V, BTL measurement, CM = 0.9V,
1.1
class-D gain = 18 dB, THD = 10%
SPKVDD = 4.2 V, BTL measurement, CM = 0.9 V,
1.4
class-D gain = 18 dB, THD = 10%
SPKVDD = 3.6 V, BTL measurement, CM = 0.9V,
PO
Maximum output power
0.8
W
class-D gain = 18 dB, THD = 1%
SPKVDD = 4.2 V, BTL measurement, CM = 0.9V,
1.1
class-D gain = 18 dB, THD = 1%
SPKVDD = 5.5 V, BTL measurement, CM = 0.9V,
2
class-D gain = 18 dB
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
(3)
DAC to headphone-out PSRR measurement is calculated as PSRR = 20 X log(
∆VHP / ∆VAVDD).
6
ELECTRICAL SPECIFICATIONS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com