Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRB_P1 Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PRB_P1
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PRB_P1 Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  PRB_P1 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TAS2521
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
Table 2-1. RGE PIN FUNCTIONS (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
MISO
17
O
SPI Serial Data Output
GPIO/DOUT
18
I/O/Z
GPIO / Audio Serial Bus Output
SCL/SSZ
19
I
Either I2C Input Serial Clock or SPI Chip Select Signal depending on SPI_SEL state
SDA/MOSI
20
I
Either I2C Serial Data Input or SPI Serial Data Input depending on SPI_SEL state.
SCLK
21
I
Serial clock for SPI interface
IOVDD
22
PWR
I/O Power Supply, 1.1V - 3.6V
DVDD
23
PWR
Digital Power Supply, 1.65V - 1.95V
DVSS
24
GND
Digital Ground, 0V
3
ELECTRICAL SPECIFICATIONS
3.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
AVDD to AVSS
–0.3
2.2
V
DVDD to DVSS
–0.3
2.2
V
SPKVDD to SPKVSS
–0.3
6
V
IOVDD to IOVSS
–0.3
3.9
V
Digital input voltage
IOVSS – 0.3
IOVDD + 0.3
V
Analog input voltage
AVSS – 0.3
AVDD + 0.3
V
Operating temperature range
–40
85
°C
Storage temperature range
–55
150
°C
Junction temperature (TJ Max)
105
°C
QFN
Power dissipation(with thermal pad soldered to board)
(TJ Max – TA) / θJA
W
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3.2
THERMAL INFORMATION
TAS2521
THERMAL METRIC(1)
UNITS
RGE (24 PINS)
θJA
Junction-to-ambient thermal resistance
32.2
θJCtop
Junction-to-case (top) thermal resistance
30.0
θJB
Junction-to-board thermal resistance
9.2
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
9.2
θJCbot
Junction-to-case (bottom) thermal resistance
2.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953
4
ELECTRICAL SPECIFICATIONS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com