Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRB_P1 Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PRB_P1
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PRB_P1 Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button PRB_P1 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
STO
STA
STA
STO
SDA
SCL
t
BUF
t
LOW
t
SU;STA
t
HIGH
t
HD;STA
t
r
t
HD;STA
t
HD;DAT
t
SU;DAT
t
SU;STO
t
f
T0295-02
TAS2521
www.ti.com
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
3.5.5
I
2C Interface Timing
All specifications at 25°C, DVDD = 1.8 V
Note: All timing specifications are measured at characterization but not tested at final test.
PARAMETER
Standard-Mode
Fast-Mode
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
fSCL
SCL clock frequency
0
100
0
400
kHz
Hold time (repeated) START condition.
tHD;STA
After this period, the first clock pulse is
4
0.8
μs
generated.
tLOW
LOW period of the SCL clock
4.7
1.3
μs
tHIGH
HIGH period of the SCL clock
4
0.6
μs
Setup time for a repeated START
tSU;STA
4.7
0.8
μs
condition
tHD;DAT
Data hold time: For I2C bus devices
0
3.45
0
0.9
μs
tSU;DAT
Data setup time
250
100
ns
tr
SDA and SCL rise time
1000
20 + 0.1 Cb
300
ns
tf
SDA and SCL fall time
300
20 + 0.1 Cb
300
ns
tSU;STO
Set-up time for STOP condition
4
0.8
μs
Bus free time between a STOP and
tBUF
4.7
1.3
μs
START condition
Cb
Capacitive load for each bus line
400
400
pF
Figure 3-5. I2C Interface Timing
Copyright © 2013, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
13
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com