Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRB_P1 Datasheet(PDF) 19 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PRB_P1
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PRB_P1 Datasheet(HTML) 19 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button PRB_P1 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P1 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DIN
BCLK
WCLK
MCLK
SPKVSS
AVDD
AVSS
LDO_SEL
SPKVDD
SCL/SSZ
SDA/MOSI
GPIO/DOUT
RST
IOVDD
IOVSS
AINL
SPKP
SPKM
0.1PF
22PF
SVDD
0.1PF
22PF
8-: or
4-:
Speaker
IOVDD
AINR
Analog Input
TAS2521
HPOUT
MISO
SPI_SEL
SCLK
IOVDD
0.1PF
0.1PF
2.7k
2.7k
47PF
DVDD
DVSS
0.1PF
10PF
0.1PF
10PF
TAS2521
www.ti.com
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
5.2
Circuit Configuration with Internal LDO
Figure 5-2. Application Schematics for LDO
5.3
Device Connections
5.3.1
Digital Pins
Only a small number of digital pins are dedicated to a single function; whenever possible, the digital pins
have a default function, and also can be reprogrammed to cover alternative functions for various
applications.
The fixed-function pins are RST LDO_SEL and the SPI_SEL pin, which are HW control pins. Depending
on the state of SPI_SEL, the two control-bus pins SCL/SSZ and SDA/MOSI are configured for either I2C
or SPI protocol.
Other digital IO pins can be configured for various functions via register control. An overview of available
functionality is given in Section 5.3.3.
5.3.2
Analog Pins
Analog functions can also be configured to a large degree. For minimum power consumption, analog
blocks are powered down by default. The blocks can be powered up with fine granularity according to the
application needs.
Copyright © 2013, Texas Instruments Incorporated
Application Overview
19
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com