Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8711CD-B-IM Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 4 Page - Silicon Laboratories

  SI8711CD-B-IM Datasheet HTML 1Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 2Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 3Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 4Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 5Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 6Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Si87xx
4
Preliminary Rev. 0.5
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
(Open Collector Output)
VDD
3—
30
V
Input Current
Si87xxA Devices
Si87xxB Devices
Si87xxC Devices
IF(ON)
3
6
3
15
30
15
mA
mA
mA
Operating Temperature (Ambient)
TA
–40
125
°C
Table 2. Electrical Characteristics
VDD = 5 V; GND = 0 V; TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Parameters
Supply Voltage
VDD
Open collector output
3
30
V
Supply Current
IDD
Output high or low (VDD = 5 to 30 V)
1.7
mA
Input Current Threshold
IF(TH)
Si87xxA devices
Si87xxB devices
Si87xxC devices
3
6
3
mA
mA
mA
Input Current Rising
Edge Hysteresis
IHYS
Si87xxA devices
Si87xxB devices
Si87xxC devices
0.17
0.34
0.17
mA
mA
mA
Input Forward Voltage
(OFF)
VF(OFF) Measured at ANODE with respect to
CATHODE.
——
1
V
Input Forward Voltage
(ON)
VF(ON) Measured at ANODE with respect to
CATHODE.
1.7
2.8
V
Input Reverse
Breakdown Voltage
BVR
Ensures that reverse current is lim-
ited to a safe level.
–0.3
V
Input Capacitance
CI
f=100kHz,
VF =0V,
VF =2V
15
15
pF
pF
Logic Low Output
Voltage
VOL
IOL =3mA, VDD = 3.3 or 5 V
IOL =13mA, VDD =5.5 V
0.4
0.7
V
V
Logic High Output
Current
IOH
VDD =VOUT =5.5 V
VDD =VOUT =24V
0.5
1
µA
µA
Peak Output Current
IOPK
Peak DC collector current drive
(VDD =5V)
—50
mA
Output Low Impedance
ROL
——
54
Pull-up Resistor
RPU
Using internal pull-up
20
k
Enable High Min
VEH
2—
30
V
Enable Low Max
VEL
——
0.8
V
Enable High Current
Draw
IEH
VDD =VEH =5V
20
µA
Enable Low Current
Draw
IEL
VDD =5V, VEL = 0 V
–10
0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com