Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8711CD-B-IM Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 9Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 10Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 11Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 12Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 13Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 14Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
11
Table 9. Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Unit
Storage Temperature
TSTG
–65
+150
°C
Operating Temperature
TA
–40
+125
°C
Junction Temperature
TJ
—+140
°C
Average Forward Input Current
Si87xxA Devices
Si87xxB Devices
Si87xxC Devices
IF(AVG)
15
30
15
mA
mA
mA
Peak Transient Input Current
(< 1 µs pulse width, 300 ps)
IFTR
—1
A
Reverse Input Voltage
VR
–0.3
V
Supply Voltage
VDD
–0.5
36
V
Output Voltage
VOUT
–0.5
36
V
Enable Voltage
VOUT
–0.5
VDD+0.5
V
Output Sink Current
ISINK
—15
mA
Average Output Current
IO(AVG)
—8
mA
Peak Output Current (VDD =5V)
IOPK
—75
mA
Input Power Dissipation
PI
—90
mW
Output Power Dissipation
PO
—50
mW
Total Power Dissipation
PT
—140
mW
Lead Solder Temperature (10 s)
260
°C
HBM Rating ESD
3
kV
Machine Model ESD
200
V
CDM
500
V
Maximum Isolation Voltage (1 s) SOIC-8
4500
VRMS
Maximum Isolation Voltage (1 s) DIP8
4500
VRMS
Maximum Isolation Voltage (1 s) SDIP6
6500
VRMS
Maximum Isolation Voltage (1 s) LGA8
6500
VRMS
*Note: Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions specified in the operational sections of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com