Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR401A104FART Datasheet(PDF) 11 Page - AVX Corporation

Part # SR401A104FART
Description  Radial Leads/SkyCap짰/SR Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR401A104FART Datasheet(HTML) 11 Page - AVX Corporation

Back Button SR401A104FART Datasheet HTML 6Page - AVX Corporation SR401A104FART Datasheet HTML 7Page - AVX Corporation SR401A104FART Datasheet HTML 8Page - AVX Corporation SR401A104FART Datasheet HTML 9Page - AVX Corporation SR401A104FART Datasheet HTML 10Page - AVX Corporation SR401A104FART Datasheet HTML 11Page - AVX Corporation SR401A104FART Datasheet HTML 12Page - AVX Corporation SR401A104FART Datasheet HTML 13Page - AVX Corporation SR401A104FART Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
25
Radial Leads/AR Series
X7R Dielectric
AVX Style
AR15
AR20
AR21
AR30
AR40
AVX “Insertable”
AR07
AR29
AR59
AR65
AR75
Width
3.81
5.08
5.08
7.62
10.16
(W)
(.150)
(.200)
(.200)
(.300)
(.400)
Height
3.81
5.08
5.08
7.62
10.16
(H)
(.150)
(.200)
(.200)
(.300)
(.400)
Thickness
2.54
3.175
3.175
3.81
3.81
(T)
(.100)
(.125)
(.125)
(.150)
(.150)
Lead Spacing
2.54
2.54
5.08
5.08
5.08
(L.S.)
(.100)
(.100)
(.200)
(.200)
(.200)
Lead Diameter
.508
.508
.508
.508
.508
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
Cap
Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
in pF
Values in Blue
100
50
100
50
100
50
100
50
100
50
470
AR-----C471K4R
1000
AR-----C102K4R
1500
AR-----C152K4R
2200
AR-----C222K4R
3300
AR-----C332K4R
4700
AR-----C472K4R
6800
AR-----C682K4R
10,000
AR-----C103K4R
15,000
AR-----C153K4R
22,000
AR-----C223K4R
33,000
AR-----C333K4R
47,000
AR-----C473K4R
68,000
AR-----C683K4R
100,000
AR-----C104K4R
150,000
AR-----C154K4R
220,000
AR-----C224K4R
330,000
AR-----C334K4R
390,000
AR-----C394K4R
470,000
AR-----C474K4R
680,000
AR-----C684K4R
1.0 uF
AR-----C105K4R
4,700,000
AR-----C475K4R
6,800,000
AR-----C685K4R
10.0 uF
AR-----C106K4R
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)
Notes:
“Insertable” make reference to alternative AVX style using the same range of capacitance available on the matrix.
For others Styles, voltages, tolerance and lead lengths see Skycap catalog or contact factory.
Others capacitance values available upon special request.
Others styles available: AR12, AR14, AR62, AR89, AR32, AR38.
= Extended range with 0.150" thickness maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com