Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR401A104FART Datasheet(PDF) 10 Page - AVX Corporation

Part # SR401A104FART
Description  Radial Leads/SkyCap짰/SR Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR401A104FART Datasheet(HTML) 10 Page - AVX Corporation

Back Button SR401A104FART Datasheet HTML 6Page - AVX Corporation SR401A104FART Datasheet HTML 7Page - AVX Corporation SR401A104FART Datasheet HTML 8Page - AVX Corporation SR401A104FART Datasheet HTML 9Page - AVX Corporation SR401A104FART Datasheet HTML 10Page - AVX Corporation SR401A104FART Datasheet HTML 11Page - AVX Corporation SR401A104FART Datasheet HTML 12Page - AVX Corporation SR401A104FART Datasheet HTML 13Page - AVX Corporation SR401A104FART Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
24
Radial Leads/AR Series
C0G (NP0) Dielectric
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)
AVX Style
AR15
AR20
AR21
AVX “Insertable”
AR07
AR29
AR59
Width
3.81
5.08
5.08
(W)
(.150)
(.200)
(.200)
Height
3.81
5.08
5.08
(H)
(.150)
(.200)
(.200)
Thickness
2.54
3.175
3.175
(T)
(.100)
(.125)
(.125)
Lead Spacing
2.54
2.54
5.08
(L.S.)
(.100)
(.100)
(.200)
Lead Diameter
.508
.508
.508
(L.D.)
(.020)
(.020)
(.020)
Cap
Industry Preferred
WVDC
WVDC
WVDC
in pF
Values in Blue
200 100
50 200 100
50
200 100
50
1AR-----A1R0D4R
10
AR-----A100K4R
15
AR-----A150K4R
22
AR-----A220K4R
33
AR-----A330K4R
39
AR-----A390K4R
47
AR-----A470K4R
68
AR-----A680K4R
100
AR-----A101K4R
150
AR-----A151K4R
220
AR-----A221K4R
330
AR-----A331K4R
390
AR-----A391K4R
470
AR-----A471K4R
680
AR-----A681K4R
1,000
AR-----A102K4R
1,500
AR-----A152K4R
2,200
AR-----A222K4R
3,900
AR-----A392K4R
4,700
AR-----A472K4R
6800
AR-----A682K4R
8200
AR-----A822K4R
Notes:
“Insertable” make reference to alternative AVX style using the same range of capacitance available on the matrix.
For others Styles, voltages, tolerance and lead lengths see Skycap catalog or contact factory.
Others capacitance values available upon special request.
Others styles available: AR12, AR14, AR62, AR89.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com