Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR401A104FART Datasheet(PDF) 8 Page - AVX Corporation

Part # SR401A104FART
Description  Radial Leads/SkyCap짰/SR Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR401A104FART Datasheet(HTML) 8 Page - AVX Corporation

Back Button SR401A104FART Datasheet HTML 4Page - AVX Corporation SR401A104FART Datasheet HTML 5Page - AVX Corporation SR401A104FART Datasheet HTML 6Page - AVX Corporation SR401A104FART Datasheet HTML 7Page - AVX Corporation SR401A104FART Datasheet HTML 8Page - AVX Corporation SR401A104FART Datasheet HTML 9Page - AVX Corporation SR401A104FART Datasheet HTML 10Page - AVX Corporation SR401A104FART Datasheet HTML 11Page - AVX Corporation SR401A104FART Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
22
Radial Leads/SkyCap
®/SL Series
Z5U Dielectric
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.
*Other capacitance values available upon special request.
MAXIMUM CAPACITANCE VALUE
STYLE*
C0G (NP0)
X7R
SL29
900 pF
.015 µF
SL20
1800 pF
.033 µF
SL28
SL59
900 pF
.015 µF
SL13
SL21
1800 pF
.033 µF
SL30
SL61
7200 pF
.12 µF
SL65
SL40
SL75
.015 µF
.27 µF
SL22
1800 pF
.033 µF
SL27
1800 pF
.033 µF
SL76
.015 µF
.27 µF
SL50
.036 µF
.59 µF
AVX 500 VOLT SKYCAPS**
*Consult pages 27 and 28 for style sizes.
**Voltage rating based on DWV of 150% of rated voltage.
AVX Style
SL15
SL20
SL21
SL22
SL27
SL30
SL40
SL50
AVX “Insertable”
SL07
SL29
SL59
N/A
N/A
SL65
SL75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
100
50
100
50
100
50
100
50
100
50
100
50
100
50
100
50
10,000
SL155E103ZAB
47,000
SL-----E473ZAB
100,000
SL215E104ZAB
150,000
SL-----E154ZAB
220,000
SL215E224ZAB
330,000
SL215E334ZAB
470,000
SL215E474ZAB
680,000
SL-----E684ZAB
1.0 µF
SL-----105ZAB
1.5 µF
SL30E155ZAB
2.2 µF
SL30E225ZAB
3.3 µF
SL30E335ZAB
4.7 µF
SL30E475ZAB
= Industry preferred values
= SL20 only
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com