Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR401A104FART Datasheet(PDF) 7 Page - AVX Corporation

Part # SR401A104FART
Description  Radial Leads/SkyCap짰/SR Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR401A104FART Datasheet(HTML) 7 Page - AVX Corporation

Back Button SR401A104FART Datasheet HTML 3Page - AVX Corporation SR401A104FART Datasheet HTML 4Page - AVX Corporation SR401A104FART Datasheet HTML 5Page - AVX Corporation SR401A104FART Datasheet HTML 6Page - AVX Corporation SR401A104FART Datasheet HTML 7Page - AVX Corporation SR401A104FART Datasheet HTML 8Page - AVX Corporation SR401A104FART Datasheet HTML 9Page - AVX Corporation SR401A104FART Datasheet HTML 10Page - AVX Corporation SR401A104FART Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
21
Radial Leads/SkyCap
®/SL Series
X7R Dielectric
AVX Style
SL15
SL20
SL21
SL22
SL27
SL30
SL40
SL50
AVX “Insertable”
SL07
SL29
SL59
N/A
N/A
SL65
SL75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
200 100 50
200 100
50
200 100
50 100
50
100
50 200 100
50
200 100
50
200
100
50
470
SL-----C471KAA
1000
SL155C102KAA
1500
SL-----C152KAA
2200
SL-----C222KAA
3300
SL-----C332KAA
4700
SL-----C472KAA
6800
SL-----C682KAA
10,000
SL215C103KAA
15,000
SL-----C153KAA
22,000
SL-----C223KAA
33,000
SL-----C333KAA
47,000
SL-----C473KAA
68,000
SL-----C683KAA
100,000
SL215C104KAA
150,000
SL-----C154KAA
220,000
SL215C224KAA
330,000
SL-----C334KAA
390,000
SL-----C394KAA
470,000
SL305C474KAA
1.0 uF
SL305C105KAA
2.2 uF
SL405C225KAA
2.7 uF
SL505C275KAA
4.7 uF
SL505C475KAA
10.0 uF
SL655C106KAA
= Industry preferred values
= Extended range
= Extended range with 0.150" thickness maximum
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com