Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX4080GGP Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETX4080GGP
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080GGP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETX4080GGP Datasheet HTML 5Page - Texas Instruments TNETX4080GGP Datasheet HTML 6Page - Texas Instruments TNETX4080GGP Datasheet HTML 7Page - Texas Instruments TNETX4080GGP Datasheet HTML 8Page - Texas Instruments TNETX4080GGP Datasheet HTML 9Page - Texas Instruments TNETX4080GGP Datasheet HTML 10Page - Texas Instruments TNETX4080GGP Datasheet HTML 11Page - Texas Instruments TNETX4080GGP Datasheet HTML 12Page - Texas Instruments TNETX4080GGP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
10-/100-Mbit/s MAC interface (MII mode) (ports 0–7) (continued)
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
M00_TXD3
M00_TXD2
M00_TXD1
M00_TXD0
M01_TXD3
M01_TXD2
M01_TXD1
M01_TXD0
M02_TXD3
M02_TXD2
M02_TXD1
M02_TXD0
M03_TXD3
M03_TXD2
M03_TXD1
M03_TXD0
M04_TXD3
M04_TXD2
M04_TXD1
M04_TXD0
M05_TXD3
M05_TXD2
M05_TXD1
M05_TXD0
M06_TXD3
M06_TXD2
M06_TXD1
M06_TXD0
M07_TXD3
M07_TXD2
M07_TXD1
M07_TXD0
C22
B22
A22
A23
C18
B18
A18
A19
D12
C12
B12
A12
D7
C7
B7
A7
G4
G3
G2
G1
M4
M3
M2
M1
U4
U3
U2
U1
AC5
AD5
AE5
AF5
O
None
Transmit data. Byte transmit data. When Mxx_TXEN is asserted, these signals carry
transmit data. Data on these signals is synchronous to Mxx_RFCLK. When Mxx_TXEN,
Mxx_TXER, and Mxx_LINK are all low, these pins indicate the desired capabilities for
autonegotiation as follows:
– Mxx_TXD0 indicates full-duplex capability when high; half duplex when low, as
determined by reqhd in PortxControl.
– Mxx_TXD1 indicates IEEE Std 802.3 pause frame support when high; no pause
when low, as determined by reqnp in PortxControl.
– Mxx_TXD2 indicates 100 Mbit/s when high; 10 Mbit/s when low, as determined by
req10 in PortxControl.
– Mxx_TXD3 is unused and is 0.
M00_TXEN
M01_TXEN
M02_TXEN
M03_TXEN
M04_TXEN
M05_TXEN
M06_TXEN
M07_TXEN
D22
B17
B13
B8
H4
L1
V3
AE4
O
None
Transmit enable. Indicates valid transmit data on Mxx_TXDn. This signal is synchronous to
Mxx_RFCLK.
M00_TXER
M01_TXER
M02_TXER
M03_TXER
M04_TXER
M05_TXER
M06_TXER
M07_TXER
D21
A17
D11
C8
H3
N3
V2
AF4
O
None
Transmit error. Allows coding errors to be propagated across the MII. Mxx_TXER is asserted
at the end of an under-running frame, enabling the TNETX4080 to force a coding error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com