| Electronic Components Datasheet Search |
|
TNETX4080GGP Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4080GGP Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 64 page ![]() TNETX4080 ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 1. Signal-to-Ball Mapping (Signal Names Sorted Alphabetically) (Continued) SIGNAL NAME BALL NO. SIGNAL NAME BALL NO. SIGNAL NAME BALL NO. SIGNAL NAME BALL NO. SIGNAL NAME BALL NO. RESET SAD0 SAD1 SCS SDATA0 SDATA1 SDATA2 SDATA3 SDATA4 SDATA5 SDATA6 SDATA7 M23 AF22 AE22 AD22 AF20 AE20 AD20 AC20 AF21 AE21 AD21 AC21 SDMA SINT SRDY SRNW SRXRDY STXRDY TCLK TDI TDO TMS TRST VDD(2.5) AF24 AF19 AF23 AC22 AE23 AD23 L24 M24 L23 M25 L25 B2 VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) B25 C3 C24 D4 D9 D14 D18 D23 J4 J23 N4 P23 VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(3.3) V4 V23 AC4 AC9 AC13 AC18 AC23 AD3 AD24 AE2 AE25 D8 VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDDa(2.5) D13 D17 H23 K4 P4 W4 AC10 AC14 AC19 T23 Terminal Functions IEEE Std 1149.1 (JTAG) interface TERMINAL I/O INTERNAL DESCRIPTION NAME NO. I/O RESISTOR DESCRIPTION TCLK L24 I Pullup Test clock. Clocks state information and test data into and out of the TNETX4080 during operation of the test port. TDI M24 I Pullup Test data input. Serially shifts test data and test instructions into the TNETX4080 during operation of the test port. An internal pullup resistor is provided on TDI to ensure IEEE Std 1149.1 (JTAG) compliance. TDO L23 O None Test data out. Serially shifts test data and test instructions out of the TNETX4080 during operation of the test port. TMS M25 I Pullup Test mode select. Controls the state of the test-port controller. An internal pullup resistor is provided on TMS to ensure IEEE Std 1149.1 (JTAG) compliance. TRST L25 I Pullup Test reset. Asynchronously resets the test-port controller. An internal pullup resistor is provided on TRST to ensure IEEE Std 1149.1 (JTAG) compliance. control logic interface TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION RESET M23 I Device reset. Asserted for a minimum of 100 µs after power supplies and clocks have stabilized. The system clock must be operational during reset. FLOW AF8 O Flow control. When flow control is activated (flow in SysControl = 1) and the number of free external memory buffers is below the threshold indicated in FlowThreshold, FLOW is asserted. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |