Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX4080GGP Datasheet(PDF) 46 Page - Texas Instruments

Part # TNETX4080GGP
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080GGP Datasheet(HTML) 46 Page - Texas Instruments

Back Button TNETX4080GGP Datasheet HTML 42Page - Texas Instruments TNETX4080GGP Datasheet HTML 43Page - Texas Instruments TNETX4080GGP Datasheet HTML 44Page - Texas Instruments TNETX4080GGP Datasheet HTML 45Page - Texas Instruments TNETX4080GGP Datasheet HTML 46Page - Texas Instruments TNETX4080GGP Datasheet HTML 47Page - Texas Instruments TNETX4080GGP Datasheet HTML 48Page - Texas Instruments TNETX4080GGP Datasheet HTML 49Page - Texas Instruments TNETX4080GGP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
IEEE Std 802.3 flow control
The TNETX4080 supports collision-based flow control for ports in half-duplex mode and IEEE Std 802.3x flow
control for ports in full-duplex mode. The flow bit in the SysControl register determines the action that will be
taken when back pressure is needed, that is, when there are insufficient resources to handle an inbound packet.
The holb bit in the SysControl register determines when back pressure is needed.
D If flow = 0, packets are discarded at the ingress port when insufficient resources are available to handle
them.
D If flow = 1, ports in half-duplex mode cause collisions to avoid accepting packets, ports in full-duplex mode
whose link partners negotiated to accept pause packets will send them, otherwise, packets are dropped.
D With holb = 0, back pressure is applied to all ports when the number of buffers in the global pool is down
to the value in the FlowThreshold register (or half of this value if the packet arrives at a port in gigabit mode).
This prevents the reception of more frames at any port until the frame backlog is reduced and the number
of free buffers has risen above the threshold. When this happens, back pressure is removed from all ports
and packets can be received. The value in FlowThreshold should be set so that all ports can complete
reception of a maximum-size frame, that is, each port should have enough time to activate the flow
mechanisms without dumping a frame for which reception has started.
D If holb = 1, back pressure is applied as when holb = 0, or to an individual port when the number of buffers
held in memory for data that arrived on that port is greater than the available pool remaining. This assumes
that FlowThreshold is set small enough that this mechanism does not affect the back pressure in this mode.
An example is:
When port-A’s traffic begins to backlog in memory [no matter to what port(s) it is destined], back pressure will
be applied when the amount of data backed up is greater than the available pool (about half the buffers are
assigned to data from port A). If A’s data stays backlogged and if data arriving at port B also begins to backlog
in memory, back pressure will be applied to port B when its data amounts to one-fourth of the buffer pool, or half
of the half left after port A had back pressure applied. When port-A’s traffic begins to exit the switch, port A stays
back pressured until its data is equal to one-third of the total. As buffers become available, port B is allowed to
consume up to one-third of the buffer pool (each backlogged total is compared with the buffers available). In
this mode, only the stations that have caused their fair share of buffers to be removed from the available pool
are back pressured.
Setting holb = 1 activates circuitry that attempts to prevent a backlogged conversation stalling other port traffic
by using up all the memory buffers. Because the number of buffers charged to a particular port always is
compared with the number of buffers left, there is no threshold register for this mode.
other flow-control mechanisms
hardware flow control
If a port were in MII mode and full duplex, normally, its Mxx_COL would not be needed. Hardware flow control
has been added by preventing the start of transmission of a frame if the Mxx_COL is high.
multicast limit
Because buffer resources for multicast (or broadcast) frames are released only when the last port has
transmitted the frame, multicast packets to fast and slow ports are released at the slow-port rate. Multicast traffic
from a fast port to a slow port could cause back pressure to be applied to the source port, blocking input from
that port. This occurs even if at least one of the ports in the multicast could have kept pace with the inbound
multicast packets. The MCastLimit register can limit the number of multicast packets allowed to be pending at
any output port. When the limit is reached, that port is not added to the routing vector of the next multicast packet
for which it was eligible. Eligibility is restored when the number of backlogged packets again is below the limit.
The MCastLimit register allows the user to set the ports subject to this restriction, and set the limit in eight binary
steps from 2 to 256. The spanning-tree BPDU multicast packet is exempt from this limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com