| Electronic Components Datasheet Search |
|
TNETX4080GGP Datasheet(PDF) 47 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4080GGP Datasheet(HTML) 47 Page - Texas Instruments |
|
47 / 64 page ![]() TNETX4080 ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998 47 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 system test capabilities RDRAM The external RDRAM can be read and written using regular DIO accesses following a stop. Individual bytes can be read and written. However, as the RDRAM memory actually is accessed in 128-byte pages, performing 128-byte accesses is the most efficient. To access the RDRAM, the TNETX4080 must not be operating. The user must perform a reset and not set start in SysControl. Both start and initd in SysControl must be 0. In addition, rdinit in SysTest must be set, indicating that the RDRAM has initialized. This initialization sequence occurs automatically after a hard reset. Read or write accesses to RDRAM are invoked via rdram and rdwrite in SysTest. Setting rdram to 1 causes a 128-byte transfer between the device and the RDRAM memory to be initiated. D The transfer direction is determined by rdwrite. D The external memory byte address for the access is specified by ramaddress in RAMAddress. D Data to be read from or written to RDRAM is accessed indirectly via RAMData. writing RDRAM Writing to RDRAM memory is accomplished as follows: 1. Write the byte address for the access to ramaddress in RAMAddress. 2. Write the data for the access to RAMData. Up to 64 bytes can be written, if all but the six least significant bits of the address are the same for all the data. Inc in RAMAddress can be used to autoincrement the address. 3. Set rdwrite = 0 and rdram = 1 (these can be written simultaneously). 4. If required, poll rdram until it becomes 0. This indicates that the write has completed. reading RDRAM Reading from RDRAM memory is accomplished as follows: 1. Write the byte address for the access to ramaddress in RAMAddress. 2. Set rdwrite = 1 and rdram = 1 (these can be written simultaneously). 3. Poll rdram until it becomes 0. This indicates that the read has completed. 4. Read the data for the access to RAMData. Up to 64 bytes can be read, provided that all but the six least significant bits of the address are the same for all the data. Inc in RAMAddress can be used to autoincrement the address. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |