| Electronic Components Datasheet Search |
|
TNETX3110 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3110 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 65 page ![]() TNETX3110 ThunderSWITCH ™ 8/3 ETHERNET™ SWITCH WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS SPWS047A – MARCH 1998 – REVISED APRIL 1999 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions 10-Mbit/s MAC multiplexed interface (ports 00–07) TERMINAL I/O INTERNAL DESCRIPTION NAME NO. I/O RESISTOR† DESCRIPTION TH2CLK 23 I Pullup Interface clock. Eight ports are supported on this interface and use this common 20-MHz clock. TH2COL 24 I Pulldown Interface collision sense. Assertion of TH2COL† during half-duplex operation indicates network collision on the current port. Additionally, during full-duplex operation, transmission of new frames does not start if this terminal is asserted. TH2CRS 25 I Pulldown Interface carrier sense. TH2CRS indicates a frame carrier signal is being received on a current port. TH2LINK 32 I Pulldown Interface link presence. TH2LINK indicates the presence of the connection on a port. – Low = no link – High = link good TH2RENEG 15 O None Interface renegotiate. A 1-0-1 sequence output on THxRENEG causes flow control and half/full duplex for a port to be renegotiated with its companion physical-layer (PHY) device. These THxRENEG terminals connect to IFFORCEHD on TNETE2008. TH2RXD3 TH2RXD2 TH2RXD1 TH2RXD0 30 29 28 27 I Pullup Interface receive data. The receive data nibble from the current port is synchronous to THxCLK. When the THxRXDV signal is 1, the receive data terminals contain valid information. THxRXD0 is the least significant bit and THxRXD3 is the most significant bit. These signals also are used to report the channel state to the MAC. TH2TXEN 21 O None Interface transmit enable. TH2TXEN indicates valid transmit data on TH2TXD. TH2SYNC 22 I Pullup Interface synchronize. TH2SYNC is used to synchronize the port traffic between the media-access controller (MAC) and PHY. When TH2SYNC is a 1, the current MAC-to-PHY path is the multiplexer interface TH0, and the PHY-to-MAC path is the multiplexer interface TH2. TH2SYNC is sampled by the MAC on the falling edge of TH2CLK. TH2TXD3 TH2TXD2 TH2TXD1 TH2TXD0 20 19 18 16 O None Interface transmit data. The transmit data nibble for the current port is synchronous to TH2CLK. When TH2TXEN is asserted, these signals carry data. TH2TXD3–TH2TXD0 are used during renegotiation to convey flow-control and duplex configuration requests to the PHY. TH2TXD0 is the least significant bit and TH2TXD3 is the most significant bit. TH2RXDV 26 I Pulldown Interface receive data valid. When TH2RXDV is a 1, it indicates that the TH2RXD lines contain valid data. † Internal resistors are provided to pull signals to known values. System designers should determine if additional pullups or pulldowns are required in their system. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |