| Electronic Components Datasheet Search |
|
TNETX3110 Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3110 Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 65 page ![]() TNETX3110 ThunderSWITCH ™ 8/3 ETHERNET™ SWITCH WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS SPWS047A – MARCH 1998 – REVISED APRIL 1999 24 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 receive versus transmit priority The queue manager prioritizes receive and transmit traffic as follows: D Highest priority is given to frames that currently are being transmitted. This ensures that transmitting frames do not underrun. D Next priority is given to frames that are received if the free-buffer stack is not empty. This ensures that received frames are not dropped unless it is impossible to receive them. D Lowest priority is given to frames that are queued for transmission but have not yet started to transmit. These frames are promoted to the highest priority only when there is spare capacity on the memory bus. D The NM port receives the lowest priority to prevent frame loss during busy periods. The memory bus has enough bandwidth to support the two highest priorities. The untransmitted frame queues grow when frames received on different ports require transmission on the same port(s) and when frames are repeatedly received on ports that are at a higher speed than the ports on which they are transmitted. This is likely to be exacerbated by the reception of multicast frames, which typically require transmission on several ports. When the backlog grows to such an extent that the free buffer stack is nearly empty, flow control is initiated (if it has been enabled) to limit further frame reception. uplink pretagging TNETX3110 can be incorporated into a switch where routing decisions can be made at a higher level. To facilitate this, two forms of tags are provided on ports 08–10: D Source-port pretag on transmission D Port-routing-code pretag on reception source-port pretag on transmission Ports 08–10 provide the frame’s source-port-number pretag one cycle before MxxTXEN goes high (this tag is ignored by an externally connected PHY). The 5-bit tag appears as an encoding on terminals MxxTXER and MxxTXD3 to MxxTXD0 (most significant bit to least significant bit). This is shown in Figure 3 and Table 5. MxxTCLK MxxTXER Transmit Error Tag Most MxxTXD3–MxxTXD0 Preamble and Frame Tag Least MxxTXEN Significant Bit Significant 4 Bits Figure 3. Source-Port Pretag |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |