| Electronic Components Datasheet Search |
|
TNETX3110 Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3110 Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 65 page ![]() TNETX3110 ThunderSWITCH ™ 8/3 ETHERNET™ SWITCH WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS SPWS047A – MARCH 1998 – REVISED APRIL 1999 33 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 10-/100-Mbit/s MAC interfaces (ports 24–26) Unlike the 10-Mbit/s ports, each 10-/100-Mbit/s port has a dedicated set of signals to interface to its PHY. Table 11 shows how a TNETE2101 10-/100-Mbit/s PHY would be connected to one of the 10-/100-Mbit/s ports of TNETX3110. Table 11. 10-/100-Mbit/s Interface Connections SWITCH TERMINAL TNETE2101 TERMINAL MxxTCLK ← MTCLK MxxTXD3 → MTXD3 MxxTXD2 → MTXD2 MxxTXD1 → MTXD1 MxxTXD0 → MTXD0 MxxTXEN → MTXEN MxxTXER → MTXER MxxCOL ← MCOL MxxCRS ← MCRS MxxRCLK ← MRCLK MxxRXD3 ← MRXD3 MxxRXD2 ← MRXD2 MxxRXD1 ← MRXD1 MxxRXD0 ← MRXD0 MxxRXDV ← MRXDV MxxRXER ← MRXER MxxLINK ← SLINK MDCLK → MDCLK MDIO ↔ MDIO MRESET → MRST Where xx = 08, 09, or 10, y = 0–3 Other differences from the 10-Mbit/s ports are noted in following paragraphs. 10-/100-Mbit/s port configuration The 100-Mbit/s ports (08–10) can negotiate with the PHY (speed and duplex) at power-up via the EEPROM contents using the MxxFORCE10 and MxxFORCEHD terminals, respectively. Each of these terminals (per port): D Has an integral 50-µA current-source pullup resistor. The system designer must decide if this is sufficient to achieve a logic-1 level in a timely manner or if an external supplementary resistor is required. D Has a strong open-drain pulldown transistor, which is enabled by setting to 1 the appropriate bit in the Portxcontrol register. D Is connected (via synchronization logic) to the appropriate bit in the Portxstatus register. These bits directly control the configuration of the ports. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |