| Electronic Components Datasheet Search |
|
HT68FU50 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68FU50 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc |
|
36 / 244 page ![]() HT68F20/HT68F30/HT68F40/HT68F50/HT68F60 HT68FU30/HT68FU40/HT68FU50/HT68FU60 Rev. 1.50 36 March 15, 2011 EEPROM Data Memory The device contains an area of internal EEPROM Data Memory. EEPROM, which stands for Electrically Eras- able Programmable Read Only Memory, is by its nature a non-volatile form of re-programmable memory, with data retention even when its power supply is removed. By incorporating this kind of data memory, a whole new host of application possibilities are made available to the designer. The availability of EEPROM storage allows in- formation such as product identification numbers, cali- bration values, specific user data, system setup data or other product information to be stored directly within the product microcontroller. The process of reading and writing data to the EEPROM memory has been reduced to a very trivial affair. EEPROM Data Memory Structure The EEPROM Data Memory capacity varies from 32x8 to 256 ´8 bits, according to the device selected. Unlike the Program Memory and RAM Data Memory, the EEPROM Data Memory is not directly mapped into memory space and is therefore not directly addressable in the same way as the other types of memory. Read and Write operations to the EEPROM are carried out in single byte operations using an address and data regis- ter in Bank 0 and a single control register in Bank 1. Device Capacity Address HT68F20 32 ´8 00H ~ 1FH HT68F30 64 ´8 00H ~ 3FH HT68F40 128 ´8 00H ~ 7FH HT68F50/HT68F60 256 ´8 00H ~ FFH EEPROM Registers Three registers control the overall operation of the inter- nal EEPROM Data Memory. These are the address reg- ister, EEA, the data register, EED and a single control register, EEC. As both the EEA and EED registers are lo- cated in Bank 0, they can be directly accessed in the same was as any other Special Function Register. The EEC register however, being located in Bank1, cannot be directly addressed directly and can only be read from or written to indirectly using the MP1 Memory Pointer and Indirect Addressing Register, IAR1. Because the EEC control register is located at address 40H in Bank 1, the MP1 Memory Pointer must first be set to the value 40H and the Bank Pointer register, BP, set to the value, 01H, before any operations on the EEC register are executed. · EEPROM Register List ¨ HT68F20 Name Bit 76543210 EEA ¾¾¾ D4 D3 D2 D1 D0 EED D7 D6 D5 D4 D3 D2 D1 D0 EEC ¾¾¾¾ WREN WR RDEN RD ¨ HT68F30 Name Bit 76543210 EEA ¾¾ D5 D4 D3 D2 D1 D0 EED D7 D6 D5 D4 D3 D2 D1 D0 EEC ¾¾¾¾ WREN WR RDEN RD ¨ HT68F40 Name Bit 76543210 EEA ¾ D6 D5 D4 D3 D2 D1 D0 EED D7 D6 D5 D4 D3 D2 D1 D0 EEC ¾¾¾¾ WREN WR RDEN RD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |