Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT68FU50 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT68FU50
Description  Enhanced I/O Flash Type MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68FU50 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT68FU50 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.50
48
March 15, 2011
N O R M A L M o d e
S L E E P 0 M o d e
S L E E P 1 M o d e
I D L E 0 M o d e
I D L E 1 M o d e
S L O W M o d e
C K S 2 ~ C K S 0 ¹ 0 0 0 B , 0 0 1 B a s H L C L K = 0
o r H L C L K = 1
W D T a n d L V D a r e a l l o f f
I D L E N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
W D T o r L V D i s o n
I D L E N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
I D L E N = 1 , F S Y S O N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
I D L E N = 1 , F S Y S O N = 1
H A L T i n s t r u c t i o n i s e x e c u t e d
SLOW Mode to NORMAL Mode Switching
In SLOW Mode the system uses either the LXT or LIRC
low speed system oscillator. To switch back to the
NORMAL Mode, where the high speed system oscillator
is used, the HLCLK bit should be set to
²1² or HLCLK bit
is
²0², but CKS2~CKS0 is set to ²010², ²011², ²100²,
²101², ²110² or ²111². As a certain amount of time will be
required for the high frequency clock to stabilise, the
status of the HTO bit is checked. The amount of time
required for high speed system oscillator stabilization
depends upon which high speed system oscillator type
is used.
Entering the SLEEP0 Mode
There is only one way for the device to enter the
SLEEP0 Mode and that is to execute the
²HALT² instruc-
tion in the application program with the IDLEN bit in
SMOD register equal to
²0² and the WDT and LVD both
off. When this instruction is executed under the condi-
tions described above, the following will occur:
· The system clock, WDT clock and Time Base clock
will be stopped and the application program will stop
at the
²HALT² instruction.
· The Data Memory contents and registers will maintain
their present condition.
· The WDT will be cleared and stopped no matter if the
WDT clock source originates from the fSUB clock or
from the system clock.
· The I/O ports will maintain their present conditions.
· In the status register, the Power Down flag, PDF, will
be set and the Watchdog time-out flag, TO, will be
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com