Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT68FU50 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT68FU50
Description  Enhanced I/O Flash Type MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68FU50 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT68FU50 Datasheet HTML 76Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 77Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 83Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.50
80
March 15, 2011
TM Operation
The three different types of TM offer a diverse range of
functions, from simple timing operations to PWM signal
generation. The key to understanding how the TM oper-
ates is to see it in terms of a free running counter whose
value is then compared with the value of
pre-programmed internal comparators. When the free
running counter has the same value as the
pre-programmed comparator, known as a compare
match situation, a TM interrupt signal will be generated
which can clear the counter and perhaps also change
the condition of the TM output pin. The internal TM
counter is driven by a user selectable clock source,
which can be an internal clock or an external pin.
TM Clock Source
The clock source which drives the main counter in each
TM can originate from various sources. The selection of
the required clock source is implemented using the
TnCK2~TnCK0 bits in the TM control registers. The
clock source can be a ratio of either the system clock
fSYS or the internal high clock fH, the fTBC clock source or
the external TCKn pin. Note that setting these bits to the
value 101 will select a reserved clock input, in effect dis-
connecting the TM clock source. The TCKn pin clock
source is used to allow an external signal to drive the TM
as an external clock source or for event counting.
TM Interrupts
The Compact and Standard type TMs each have two in-
ternal interrupts, one for each of the internal comparator
A or comparator P, which generate a TM interrupt when
a compare match condition occurs. As the Enhanced
type TM has three internal comparators and comparator
A or comparator B or comparator P compare match
functions, it consequently has three internal interrupts.
When a TM interrupt is generated it can be used to clear
the counter and also to change the state of the TM out-
put pin.
TM External Pins
Each of the TMs, irrespective of what type, has one TM
input pin, with the label TCKn. The TM input pin, is es-
sentially a clock source for the TM and is selected using
the TnCK2~TnCK0 bits in the TMnC0 register. This ex-
ternal TM input pin allows an external clock source to
drive the internal TM. This external TM input pin is
shared with other functions but will be connected to the
internal TM if selected using the TnCK2~TnCK0 bits.
The TM input pin can be chosen to have either a rising or
falling active edge.
The TMs each have one or more output pins with the la-
bel TPn. When the TM is in the Compare Match Output
Mode, these pins can be controlled by the TM to switch
to a high or low level or to toggle when a compare match
situation occurs. The external TPn output pin is also the
pin where the TM generates the PWM output waveform.
As the TM output pins are pin-shared with other func-
tion, the TM output function must first be setup using
registers. A single bit in one of the registers determines if
its associated pin is to be used as an external TM output
pin or if it is to have another function. The number of out-
put pins for each TM type and device is different, the de-
tails are provided in the accompanying table.
All TM output pin names have a
²_n² suffix. Pin names
that include a
²_1² or ²_2² suffix indicate that they are
from a TM with multiple output pins. This allows the TM
to generate a complimentary output pair, selected using
the I/O register data bits.
Device
CTM
STM
ETM
Registers
HT68F20
TP0_0
TP1_0, TP1_1
¾
TMPC0
HT68F30
TP0_0, TP0_1
¾
TP1A, TP1B_0,
TP1B_1
TMPC0
HT68F40
TP0_0, TP0_1
TP2_0, TP2_1
TP1A, TP1B_0,
TP1B_1, TP1B_2
TMPC0, TMPC1
HT68F50
TP0_0, TP0_1
TP3_0, TP3_1
TP2_0, TP2_1
TP1A, TP1B_0,
TP1B_1, TP1B_2
TMPC0, TMPC1
HT68F60
TP0_0, TP0_1
TP3_0, TP3_1
TP2_0, TP2_1
TP1A, TP1B_0,
TP1B_1, TP1B_2
TMPC0, TMPC1
TM Output Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com