Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT68FU50 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT68FU50
Description  Enhanced I/O Flash Type MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68FU50 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT68FU50 Datasheet HTML 2Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68FU50 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 244 page
background image
Power Down Mode and Wake-up ...................................................172
Entering the IDLE or SLEEP Mode .....................................................................172
Standby Current Considerations.........................................................................172
Wake-up .............................................................................................................172
Low Voltage Detector - LVD............................................................173
LVD Register ......................................................................................................173
LVD Operation....................................................................................................174
SCOM Function for LCD .................................................................174
LCD Operation ...................................................................................................174
LCD Bias Control................................................................................................174
Configuration Options ....................................................................177
Application Circuits ........................................................................178
UART Module Serial Interface ........................................................179
UART Module Features ......................................................................................179
UART Module Overview..................................................................179
UART Module Block Diagram.........................................................179
Pin Assignment ...............................................................................180
UART Module Pin Description .......................................................182
UART Module D.C. Characteristics................................................182
UART Module A.C. Characteristics................................................183
UART Module Functional Description...........................................184
UART Module Internal Signal .............................................................................184
UART Module SPI Interface ............................................................184
SPI Timing..........................................................................................................184
UART Module External Pin Interfacing..........................................185
UART Data Transfer Scheme .............................................................................185
UART Commands ..............................................................................................186
UART Status and Control Registers ...................................................................186
Baud Rate Generator .........................................................................................191
UART Module Setup and Control...................................................193
Managing Receiver Errors ..................................................................................196
UART Module Interrupt Structure ..................................................196
UART Module Power-down and Wake-up .....................................197
Using the UART Function...............................................................198
Application Circuit with UART Module..........................................199
Contents
Rev. 1.50
6
March 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com