Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-D-RMB3TG/AB Datasheet(PDF) 46 Page - STMicroelectronics

Part # M95512-D-RMB3TG/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-D-RMB3TG/AB Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M95512-D-RMB3TG/AB Datasheet HTML 40Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 41Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 42Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 43Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 44Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 45Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 46Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 47Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Revision history
M95512-W, M95512-R
46/48
Doc ID 11124 Rev 13
06-Feb-2007
7
Document reformatted. Packages are ECOPACK® compliant.
10 MHz frequency removed. VCC supply voltage and VSS ground
descriptions added. Figure 4: Bus master and memory devices on the SPI
bus modified and explanatory paragraph added. Power-up and Power On
Reset paragraphs replaced by Section 4.1: Supply voltage (VCC).
Section 7: ECC (error correction code) and write cycling added.
TA max modified in Table 8: Operating conditions (M95512-W device
grade 6).
Note modified below Table 12: Capacitance.
CL modified in and Table 11: AC measurement conditions.
VIL max and ICC0 test conditions modified in Table 15: DC characteristics
(current and new M95512-R and M95512-DR products).
ICC modified in Table 13: DC characteristics (current M95512-W
products), ICC0 added to Table 13 and Table 15: DC characteristics
(current and new M95512-R and M95512-DR products) modified.
Table 18: AC characteristics (current and new M95512-R and M95512-DR
products) modified.
tSHQZ end timing line moved back in Figure 22: Serial output timing.
SO8N package specifications updated (see Figure 23 and Table 19).
Blank removed below Plating technology in Table 23: Ordering information
scheme.
05-Jun-2007
8
The device endurance is specified at more than 1 000 000 (1 million)
cycles (corrected on cover page).
03-Jul-2008
9
M95512-W is now available in the device grade 3 (automotive temperature
range), see Table 8 on page 31).
Section 4.1: Supply voltage (VCC) on page 12 updated.
Section 6.4: Write Status Register (WRSR) on page 20 and Section 6.6:
Write to Memory Array (WRITE) on page 23 clarified.
ICC0 modified in Table 13: DC characteristics (current M95512-W
products).
Figure 20: Serial input timing, Figure 21: Hold timing and Figure 22: Serial
output timing updated.
Package mechanical data values in inches are calculated from the
millimeter values and rounded to four decimal digits (see Section 11:
Package mechanical data).
Table 24: Available M95512 products (package, voltage range,
temperature grade) added. Small text changes.
14-Apr-2009
10
M95512-DR part number added (see Table 25: Available M95512-DR
products (package, voltage range, temperature grade)).
New M95512-W, M95512-R and M95512-DR products operating at up to
20 MHz added (preliminary data).
UFDFPN8 package added (see Section 11: Package mechanical data).
Table 26.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com