Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-D-RMB3TG/AB Datasheet(PDF) 12 Page - STMicroelectronics

Part # M95512-D-RMB3TG/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-D-RMB3TG/AB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M95512-D-RMB3TG/AB Datasheet HTML 8Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 9Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 10Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 11Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 12Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 13Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 14Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 15Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Operating features
M95512-W, M95512-R
12/48
Doc ID 11124 Rev 13
4
Operating features
4.1
Supply voltage (VCC)
4.1.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 8 and
Table 10.). This voltage must remain stable and valid until the end of the transmission of the
instruction and, for a Write instruction, until the completion of the internal write cycle (tW). In
order to secure a stable DC supply voltage, it is recommended to decouple the VCC line with
a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package
pins.
4.1.2
Device reset
In order to prevent inadvertent Write operations during power-up, a power-on-reset (POR)
circuit is included. At power-up, the device does not respond to any instruction until VCC has
reached the POR threshold voltage (this threshold is lower than the minimum VCC operating
voltage defined in Table 8 and Table 10).
When VCC passes over the POR threshold, the device is reset and in the following state:
in the Standby Power mode
deselected (note that when the device is deselected it is necessary to apply a falling
edge on Chip Select (S) prior to issuing any new instruction, otherwise the instruction is
not executed)
Status register values:
the Write Enable Latch (WEL) bit is reset to 0
the Write In Progress (WIP) bit is reset to 0
the SRWD, BP1 and BP0 bits remain unchanged (non-volatile bits).
When VCC passes over the POR threshold, the device is reset and enters the Standby
Power mode, however, the device must not be accessed until VCC reaches a valid and
stable VCC voltage within the specified [VCC(min), VCC(max)] range defined in Table 8 and
Table 10.
4.1.3
Power-up conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage. It is
therefore recommended to connect the S line to VCC via a suitable pull-up resistor (see
Figure 4).
In addition, the Chip Select (S) input offers a built-in safety feature, as the S input is edge
sensitive as well as level sensitive: after power-up, the device does not become selected
until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select
(S) must have been high, prior to going low to start the first operation.
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage
defined in Table 8 and Table 10 and the rise time must not vary faster than 1 V/µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com