Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-D-RMB3TG/AB Datasheet(PDF) 35 Page - STMicroelectronics

Part # M95512-D-RMB3TG/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-D-RMB3TG/AB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M95512-D-RMB3TG/AB Datasheet HTML 31Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 32Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 33Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 34Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 35Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 36Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 37Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 38Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
M95512-W, M95512-R
DC and AC parameters
Doc ID 11124 Rev 13
35/48
Table 17.
AC characteristics (New(1) M95512-W products)
Test conditions: VCC = 2.5 to 5.5 V, TA = –40 to 85 °C
Symbol
Alt.
Parameter
Min.
Max.
Min.
Max.
Unit
2.5 V to 5.5 V
4.5 V to 5.5 V
fC
fSCK
Clock frequency
D.C.
10
D.C.
20
MHz
tSLCH
tCSS1 S active setup time
30
15
ns
tSHCH
tCSS2 S not active setup time
30
15
ns
tSHSL
tCS
S deselect time
40
20
ns
tCHSH
tCSH
S active hold time
30
15
ns
tCHSL
S not active hold time
30
15
ns
tCH
(2)
tCLH
Clock high time
45
20
ns
tCL
(2)
tCLL
Clock low time
45
20
ns
tCLCH
(3)
tRC
Clock rise time
2
2
µs
tCHCL
(3)
tFC
Clock fall time
2
2
µs
tDVCH
tDSU
Data in setup time
10
5
ns
tCHDX
tDH
Data in hold time
10
10
ns
tHHCH
Clock low hold time after HOLD not active
30
15
ns
tHLCH
Clock low hold time after HOLD active
30
15
ns
tCLHL
Clock low setup time before HOLD active
0
0
ns
tCLHH
Clock low setup time before HOLD not active
0
0
ns
tSHQZ
(3)
tDIS
Output disable time
40
20
ns
tCLQV
tV
Clock low to output valid
40
20
ns
tCLQX
tHO
Output hold time
0
0
ns
tQLQH
(3)
tRO
Output rise time
40
20
ns
tQHQL
(3)
tFO
Output fall time
40
20
ns
tHHQV
tLZ
HOLD high to output valid
40
20
ns
tHLQZ
(3)
tHZ
HOLD low to output High-Z
40
20
ns
tW
tWC
Write time
5
5
ms
1.
New products are identified by process letter K.
2.
tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max)
3.
Value guaranteed by characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com