Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-D-RMB3TG/AB Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95512-D-RMB3TG/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-D-RMB3TG/AB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95512-D-RMB3TG/AB Datasheet HTML 29Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 30Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 31Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 32Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 33Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 34Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 35Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 36Page - STMicroelectronics M95512-D-RMB3TG/AB Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
M95512-W, M95512-R
DC and AC parameters
Doc ID 11124 Rev 13
33/48
Table 14.
DC characteristics (new(1) M95512-W products)
Symbol
Parameter
Test conditions: VCC = 2.5 to 5.5 V,
TA = –40 to 85 °C
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current (Read)
C = 0.1VCC/0.9VCC at 10 MHz,
VCC = 2.5 V, Q = open
4mA
C = 0.1VCC/0.9VCC at 20 MHz, VCC =5 V,
Q = open
8mA
ICC0
(2)
Supply current (Write)
During tW, S = VCC, 2.5 V < VCC < 5.5 V
6
mA
ICC1
Supply current
(Standby Power mode)
S = VCC, VIN = VSS or VCC,
2.5 V < VCC < 5.5 V
5µA
VIL
Input low voltage
–0.45
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC+1
V
VOL
Output low voltage
VCC = 2.5 V and IOL = 1.5 mA or
VCC = 5 V and IOL = 2 mA
0.4
V
VOH
Output high voltage
VCC = 2.5 V and IOH = –0.4 mA or
VCC = 5 V and IOH = –2 mA
0.8 VCC
V
1.
New products are identified by process letter K.
2.
Characterized value, not tested in production.
Table 15.
DC characteristics (current and new M95512-R and M95512-DR products)
Symbol
Parameter
Test conditions:
VCC = 1.8 to 5.5 V, TA = –40 to 85 °C
Min
Max
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current (Read)
C = 0.1VCC/0.9VCC at 2 MHz, VCC =1.8 V,
Q = open(1)
1mA
C = 0.1VCC/0.9VCC at 5 MHz, VCC =1.8 V,
Q = open(2)
2.5
mA
ICC0
(3)
Supply current (Write)
During tW, S = VCC, 1.8 V < VCC < 2.5 V
3
mA
ICC1
Supply current (Standby
Power mode)
S = VCC, VIN = VSS or VCC,
1.8 V < VCC < 2.5 V
3µA
VIL
Input low voltage
–0.45
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V
0.3
V
VOH
Output high voltage
IOH = –0.1 mA, VCC = 1.8V
0.8VCC
V
1.
Current products are identified by process letters AB.
2.
New products are identified by process letter K.
3.
Characterized value, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com