Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-RMB3TP/AB Datasheet(PDF) 26 Page - STMicroelectronics

Part # M95512-RMB3TP/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-RMB3TP/AB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M95512-RMB3TP/AB Datasheet HTML 22Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 23Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 24Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 25Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 26Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 27Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 28Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 29Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Instructions
M95512-W, M95512-R
26/48
Doc ID 11124 Rev 13
6.8
Write Identification Page (available only in M95512-DR
devices)
The Identification Page (128 bytes) is an additional page which can be written and (later)
permanently locked in Read-only mode. Writing this page is achieved with the Write
Identification Page instruction (see Table 4), the Chip Select signal (S) is first driven low. The
bits of the instruction byte, address byte, and at least one data byte are then shifted in on
Serial Data input (D). Address bit A10 must be 0, address bits [A15:A11] and [A9:A7] are
Don't Care, the [A6:A0] address bits define the byte address inside the identification page.
The instruction is terminated by driving Chip Select (S) high at a byte boundary of the input
data. The self-timed write cycle triggered by the rising edge of Chip Select (S) continues for
a period tW (as specified in Table 17 and Table 18), at the end of which the Write in Progress
(WIP) bit is reset to 0.
In the case of Figure 16, Chip Select (S) is driven high after the eighth bit of the data byte
has been latched in, indicating that the instruction is being used to write a single byte.
However, if Chip Select (S) continues to be driven low, as shown in Figure 16, the next byte
of input data is shifted in, so that more than a single byte, starting from the given address
towards the end of the same page, can be written in a single internal write cycle. Each time
a new data byte is shifted in, the least significant bits of the internal address counter are
incremented. If the number of data bytes sent to the device exceeds the page boundary, the
internal address counter rolls over to the beginning of the page, and the previous data there
are overwritten with the incoming data. (The page size of these devices is 128 bytes).
The instruction is not accepted, and is not executed, under the following conditions:
●
if the Write Enable Latch (WEL) bit has not been set to 1 (by previously executing a
Write Enable instruction)
●
if Status register bits (BP1, BP0) = (1, 1)
●
if a write cycle is already in progress
●
if the device has not been deselected, by Chip Select (S) being driven high, at a byte
boundary (after the eighth bit, b0, of the last data byte that was latched in)
●
if the Identification page is locked by the Lock Status bit
Figure 16.
Write Identification Page sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com