Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-RMB3TP/AB Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95512-RMB3TP/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-RMB3TP/AB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95512-RMB3TP/AB Datasheet HTML 6Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 7Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 8Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 9Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 10Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 11Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 12Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 13Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Connecting to the SPI bus
M95512-W, M95512-R
10/48
Doc ID 11124 Rev 13
3
Connecting to the SPI bus
These devices are fully compatible with the SPI protocol.
All instructions, addresses and input data bytes are shifted in to the device, most significant
bit first. The Serial Data Input (D) is sampled on the first rising edge of the Serial Clock (C)
after Chip Select (S) goes low.
All output data bytes are shifted out of the device, most significant bit first. The Serial Data
Output (Q) is latched on the first falling edge of the Serial Clock (C) after the instruction
(such as the Read from Memory Array and Read Status Register instructions) have been
clocked into the device.
Figure 4.
Bus master and memory devices on the SPI bus
1.
The Write Protect (W) and Hold (HOLD) signals should be driven, high or low as appropriate.
Figure 4 shows an example of three memory devices connected to an MCU, on an SPI bus.
Only one device is selected at a time, so only one device drives the Serial Data Output (Q)
line at a time, the other devices are high impedance.
The pull-up resistor R (represented in Figure 4) ensures that no device is selected if the Bus
Master leaves the S line in the high impedance state.
In applications where the Bus Master might enter a state where all inputs/outputs SPI lines
are in high impedance at the same time (for example, if the Bus Master is reset during the
transmission of an instruction), the clock line (C) must be connected to an external pull-
down resistor so that, if all inputs/outputs become high impedance, the C line is pulled low
(while the S line is pulled high). This ensures that S and C do not become high at the same
time, and so, that the tSHCH requirement is met.
The typical value of R is 100 k
,.
AI12836b
SPI Bus Master
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2 CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
HOLD
W
HOLD
W
HOLD
RR
R
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com