Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-RMB3TP/AB Datasheet(PDF) 20 Page - STMicroelectronics

Part # M95512-RMB3TP/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-RMB3TP/AB Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M95512-RMB3TP/AB Datasheet HTML 16Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 17Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 18Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 19Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 20Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 21Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 22Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 23Page - STMicroelectronics M95512-RMB3TP/AB Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Instructions
M95512-W, M95512-R
20/48
Doc ID 11124 Rev 13
6.4
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status
Register. Before a WRSR instruction can be accepted, a Write Enable (WREN) instruction
must have been executed.
The Write Status Register (WRSR) instruction is issued by driving Chip Select (S) low,
sending the instruction code and the data byte on Serial Data input (D) and driving Chip
Select (S) high. Chip Select (S) must be driven high after the rising edge of Serial Clock (C)
that latches in the eighth bit of the data byte, and before the next rising edge of Serial Clock
(C). Otherwise, the Write Status Register (WRSR) instruction is not properly executed.
Driving Chip Select (S) high at a byte boundary of the input data triggers the self-timed Write
cycle whose duration is tW (specified in Table 16 and Table 18). The instruction sequence is
shown in Figure 11.
While the Write Status Register cycle is in progress, the Status Register may still be read to
check the value of the Write In Progress (WIP) bit: the WIP bit is 1 during the self-timed
Write cycle tW, and 0 when the Write cycle is complete. The WEL bit (Write Enable Latch) is
also reset when the Write cycle tW is complete.
The Write Status Register (WRSR) instruction allows the user to change the values of the
BP1, BP0 and SRWD bits:
●
The Block Protect (BP1, BP0) bits define the size of the area to be treated as read-only,
as defined in Table 6.
●
The SRWD bit (Status Register Write Disable bit), depending on the signal applied on
the Write Protect pin (W), allows the user to set or reset the write protection mode of
the Status Register. When the Status Register is in the Write-protected mode, the Write
Status Register (WRSR) instruction is not executed.
The contents of the SRWD and BP1, BP0 bits are updated upon completion of the WRSR
instruction (after tW).
The Write Status Register (WRSR) instruction has no effect on Status Register bits b6, b5,
b4, b1, b0. They are always read as 0.
Figure 11.
Write Status Register (WRSR) sequence
C
D
AI02282D
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
Register In
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com