Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5RH552B-T2 Datasheet(PDF) 27 Page - RICOH electronics devices division

Part # RH5RH552B-T2
Description  PWM STEP-UP DC/DC CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RH552B-T2 Datasheet(HTML) 27 Page - RICOH electronics devices division

Back Button RH5RH552B-T2 Datasheet HTML 21Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 22Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 23Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 24Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 25Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 26Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 27Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 28Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 29Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
26
VIN
Inductor
Diode
OUT
Vss
VOUT
+
Capacitor
EXT
ZD:6.8V
RH5RH502B
Tr
Cb
RZD
Rb
Starter Circuit
(Note) When the Output Current is small or the Output Voltage is unstable,use the Rzd for flowing the bias current through the Zener diode ZD.
FIG. 6
VIN
Inductor
Diode
OUT
Vss
VOUT
+
Capacitor
RH5RH
××1A
Tr
PNP
Lx
Rb1
Rb2
Starter Circuit
(Note) When the LX pin Voltage is over the rating at the time PNP Tr is OFF,use a RH5RH
××2B and drive the PNP Tr. by the external NPN Tr.
FIG. 7
APPLICATION CIRCUITS
• 12V Step-up Circuit
RH5RH
• Step-down Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com