Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5RH552B-T2 Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RH5RH552B-T2
Description  PWM STEP-UP DC/DC CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RH552B-T2 Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RH5RH552B-T2 Datasheet HTML 7Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 8Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 9Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 10Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 11Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 12Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 13Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 14Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
10
OPERATION OF STEP-UP DC/DC CONVERTER
Step-up DC/DC Converter charges energy in the inductor when Lx Transistor (LxTr) is on, and discharges the
energy with the addition of the energy from Input Power Source thereto, so that a higher output voltage than the
input voltage is obtained.
The operation will be explained with reference to the following diagrams :
< Current through L >
< Basic Circuits >
RH5RH
i2
L
SD
IOUT
VOUT
CL
Lx Tr
i1
VIN
IL
ILmin
ILmax
topen
t
ton
toff
T=1/fosc
Step 1 : LxTr is turned ON and current IL (= i1 ) flows, so that energy is charged in L. At this moment, IL(=i1 ) is
increased from ILmin (= 0) to reach ILmax in proportion to the on-time period (ton) of LxTr.
Step 2 : When LxTr is turned OFF, Schottky diode (SD) is turned ON in order that L maintains IL at ILmax, so
that current IL (= i2) is released.
Step 3 : IL (=i2) is gradually decreased, and in the case of discontinuous mode, IL reaches ILmin (=0) after a time
period of topen, so that SD is turned OFF. However, in the case of a continuous mode which will be mentioned
later,the time period (toff) runs out before IL reaches ILmin (=0), so that LxTr is turned ON in the next
cycle, and SD is turned OFF. In this case, ILmin does not reach zero, and IL (=i1) increases from ILmin (> 0).
In the case of PWM control system, the output voltage is maintained constant by controlling the on-time peri-
od (ton), with the oscillator frequency (fosc) being maintained constant.
•
Discontinuous Conduction Mode and Continuous Conduction Mode
In the above two diagrams, the maximum value (ILmax) and the minimum value (ILmin) of the current which
flows through the inductor are the same as those when LxTr is ON and also when LxTr is OFF.
The difference between ILmax and ILmin, which is represented by
∆I, is :
∆I=ILmax–ILmin=VIN · ton/L=(VOUT–VIN) · topen/L .........................................Equation 1
wherein T=1/fosc=ton+toff
duty (%)=ton/T · 100=ton · fosc · 100
topen
≤toff
In Equation 1, VIN · ton/L and (VOUT–VIN) · topen/L are respectively show the change in the current at ON, and the
change in the current at OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com