Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5RH552B-T2 Datasheet(PDF) 14 Page - RICOH electronics devices division

Part # RH5RH552B-T2
Description  PWM STEP-UP DC/DC CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RH552B-T2 Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button RH5RH552B-T2 Datasheet HTML 10Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 11Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 12Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 13Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 14Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 15Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 16Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 17Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 18Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
13
RH5RH
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
RH5RH301A
L=120µH
VIN =1.0V
1.5V
2.0V
020
40
60
3.1
3.0
2.9
2.8
2.7
2.6
2.5
Output Current IOUT(mA)
L= 270µH
1.5V
3.1
3.0
2.9
2.8
2.7
2.6
2.5
Output Current IOUT(mA)
0
10
20
30
40
50
60
VIN=1.0V
2.0V
RH5RH501A
L=120µH
VIN=
1.0V
Output Current IOUT(mA)
3.0V
4.0V
0
50
100
150
4.0
4.2
4.4
4.6
4.8
5.0
5.2
2.0V
RH5RH302B
L=28µH
Output Current IOUT(mA)
2.5V
2.0V
1.5V
0
200
400
600
2.8
2.9
3.0
3.1
VIN=0.9V
RH5RH301A
RH5RH501A
L=270µH
VIN=1.0V
Output Current IOUT(mA)
2.0V
3.0V
4.0V
0
50
100
150
4.0
4.2
4.4
4.6
4.8
5.0
5.2
RH5RH502B
L=28µH
VIN=1.5V
Output Current I OUT(mA)
2.0V
3.0V
4.0V
0
500
1000
4.4
4.6
4.8
5.0
5.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com