Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5RH552B-T2 Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RH5RH552B-T2
Description  PWM STEP-UP DC/DC CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RH552B-T2 Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RH5RH552B-T2 Datasheet HTML 4Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 5Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 6Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 7Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 8Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 9Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 10Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 11Page - RICOH electronics devices division RH5RH552B-T2 Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
7
RH5RH
• RH5RH302B
Symbol
Item
VOUT
Output Voltage
VIN
Input Voltage
Vstart
Oscillator Start-up Voltage
IDD1
Supply Current 1
IDD2
Supply Current 2
IEXTH
EXT “H” Output Current
IEXTL
EXT “L” Output Current
fosc
Oscillator Frequency
Maxdty
Oscillator Maximum Duty
Cycle
tstart
Soft-Start Time
Conditions
MIN.
TYP.
MAX.
Unit
Note
2.925
3.000
3.075
V
8V
EXT no load,VOUT :0
→2V
0.7
0.8
V
EXT no load,VOUT=2.88V
30
50
µA
EXT no load,VOUT=3.5V
2
5
µA
VEXT=VOUT–0.4V
–1.5
mA
VEXT=0.4V
1.5
mA
80
100
120
kHz
VEXT “H” side
70
80
90
%
Time required for the rising
0.5
2.0
ms
Note1
of VOUT up to 3V
VOUT=3.0V
Unless otherwise provided, VIN=1.8V, Vss=0V, IOUT=10mA, Topt=25˚C, and use External Circuit of Typical
Application (FIG. 2).
• RH5RH502B
VOUT=5.0V
Unless otherwise provided, VIN=3V, Vss=0V, IOUT=10mA, Topt=25˚C and use External Circuit of Typical
Application (FIG. 2).
(Note 1) refer to page 5 (Note 1)
Symbol
Item
VOUT
Output Voltage
VIN
Input Voltage
Vstart
Oscillator Start-up Voltage
IDD1
Supply Current 1
IDD2
Supply Current 2
IEXTH
EXT “H” Output Current
IEXTL
EXT “L” Output Current
fosc
Oscillator Frequency
Maxdty
Oscillator Maximum Duty
Cycle
tstart
Soft-Start Time
Conditions
MIN.
TYP.
MAX.
Unit
Note
4.875
5.000
5.125
V
8V
EXT no load,VOUT :0
→2V
0.7
0.8
V
EXT no load,VOUT=4.8V
60
90
µA
EXT no load,VOUT=5.5V
2
5
µA
VEXT=VOUT–0.4V
–2
mA
VEXT=0.4V
2
mA
80
100
120
kHz
VEXT “H” side
70
80
90
%
Time required for the rising
0.5
2.0
ms
Note1
of VOUT up to 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com