Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24LR64-R_1004 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24LR64-R_1004 Datasheet HTML 33Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 34Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 35Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 36Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 37Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 38Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 39Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 40Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 126 page
background image
M24LR64-R
RF device operation
Doc ID 15170 Rev 9
37/126
7.1
Commands
The M24LR64-R supports the following commands:
Inventory, used to perform the anticollision sequence.
Stay Quiet, used to put the M24LR64-R in quiet mode, where it does not respond to
any inventory command.
Select, used to select the M24LR64-R. After this command, the M24LR64-R
processes all Read/Write commands with Select_flag set.
Reset To Ready, used to put the M24LR64-R in the ready state.
Read Block, used to output the 32 bits of the selected block and its locking status.
Write Block, used to write the 32-bit value in the selected block, provided that it is not
locked.
Read Multiple Blocks, used to read the selected blocks and send back their value.
Write AFI, used to write the 8-bit value in the AFI register.
Lock AFI, used to lock the AFI register.
Write DSFID, used to write the 8-bit value in the DSFID register.
Lock DSFID, used to lock the DSFID register.
Get System Info, used to provide the system information value
Get Multiple Block Security Status, used to send the security status of the selected
block.
Initiate, used to trigger the tag response to the Inventory Initiated sequence.
Inventory Initiated, used to perform the anticollision sequence triggered by the Initiate
command.
Write-sector Password, used to write the 32 bits of the selected password.
Lock-sector Password, used to write the Sector security status bits of the selected
sector.
Present-sector Password, enables the user to present a password to unprotect the
user blocks linked to this password.
Fast Initiate, used to trigger the tag response to the Inventory Initiated sequence.
Fast Inventory Initiated, used to perform the anticollision sequence triggered by the
Initiate command.
Fast Read Single Block, used to output the 32 bits of the selected block and its
locking status.
Fast Read Multiple Blocks, used to read the selected blocks and send back their
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com