Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24LR64-R_1004 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 1 Page - STMicroelectronics

  M24LR64-R_1004 Datasheet HTML 1Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 2Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 3Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 4Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 5Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 6Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 7Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 8Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
April 2010
Doc ID 15170 Rev 9
1/126
1
M24LR64-R
64 Kbit EEPROM with password protection & dual interface:
400 kHz I²C serial bus & ISO 15693 RF protocol at 13.56 MHz
Features
I²C interface
Two-wire I2C serial interface
supports 400 kHz protocol
Single supply voltage:
– 1.8 V to 5.5 V
Byte and Page Write (up to 4 bytes)
Random and Sequential Read modes
Self-timed programming cycle
Automatic address incrementing
Enhanced ESD/latch-up protection
Contactless interface
ISO 15693 and ISO 18000-3 mode 1 compliant
13.56 MHz ±7k Hz carrier frequency
To tag: 10% or 100% ASK modulation using
1/4 (26 Kbit/s) or 1/256 (1.6 Kbit/s) pulse
position coding
From tag: load modulation using Manchester
coding with 423 kHz and 484 kHz subcarriers
in low (6.6 kbit/s) or high (26 kbit/s) data rate
mode. Supports the 53 kbit/s data rate with
Fast commands
Internal tuning capacitance: 27.5 pF
64-bit unique identifier (UID)
Read Block & Write (32-bit Blocks)
Memory
64 Kbit EEPROM organized into:
– 8192 bytes in I²C mode
– 2048 blocks of 32 bits in RF mode
Write time
– I²C: 5 ms (Max.)
– RF: 5.75 ms including the internal Verify
time
More than 1 Million write cycles in I2C mode
More than 100 000 write cycles in RF mode
Multiple password protection in RF mode
Single password protection in I2C mode
More than 40-year data retention
Package
– ECOPACK2® (RoHS compliant and
Halogen-free)
SO8 (MN)
150 mils width
UFDFPN8 (MB)
2 × 3 mm
TSSOP8 (DW)
www.st.com


Similar Part No. - M24LR64-R_1004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
64 Kbit EEPROM with password protection & dual interface
24-Jun-2010
More results

Similar Description - M24LR64-R_1004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24LR64-R STMICROELECTRONICS-M24LR64-R Datasheet
936Kb / 126P
64 Kbit EEPROM with password protection & dual interface: 400kHz I짼C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
26-Feb-2010
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
64 Kbit EEPROM with password protection & dual interface
24-Jun-2010
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
27-Oct-2011
M24LR04E-R STMICROELECTRONICS-M24LR04E-R Datasheet
1Mb / 142P
4-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
12-Jun-2012
M24LR16E-R STMICROELECTRONICS-M24LR16E-R Datasheet
1Mb / 143P
16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
12-Jun-2012
M24LR64E-R STMICROELECTRONICS-M24LR64E-R Datasheet
1Mb / 140P
64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
19-Jun-2012
M24LR64-R STMICROELECTRONICS-M24LR64-R_12 Datasheet
973Kb / 128P
64 Kbit EEPROM with password protection & dual interface: 400 kHz I²C serial bus & ISO 15693 RF protocol at 13.56 MHz
05-Jan-2012
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24C64P-FCU STMICROELECTRONICS-M24C64P-FCU Datasheet
631Kb / 36P
64-Kbit serial I²C bus EEPROM 4 balls CSP
10-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com