Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
ADRF6655
Rev. 0 | Page 38 of 44
EVALUATION BOARD LAYOUT AND THERMAL GROUNDING
An evaluation board is available for testing the ADRF6655. The standard evaluation is configured for downconversion applications. Table 5
provides the component values and suggestions for modifying component values for various modes of operation.
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
INP
GND
GND
VCCV2I
GND
GND
INN
VCCMIX
GND
IP3SET
VCC1
ADRF6655
VCC
3P3V_LDO
CP
LO
VCC
VTUNE
VCC
VCC
IP3SET
VCC_RF
C5
1nF
C6
1nF
RF
VCC_BB
IFP
C14
0.1µF
C9
0.1µF
C11
0.1µF
C7
0.1µF
C15
4.7µF
C13
47nF
R10
68
R9
270
VCC
IFN
VCC
OUT
VCC
VCC_LO
REFIN
REFOUT
2.5V
VCC2
R58
OPEN
R47
0
L1
OPEN
L2
OPEN
C36
OPEN
C35
OPEN
R44
OPEN
R43
0
R48
0
R25
0
R26
0
R24
0
R59
0
C29
0.1µF
0
T3, T6
T4, T5
R27
OPEN
R60
OPEN
T7, T8
C10
100pF
C12
100pF
L3
OPEN
C8
100pF
R37
0
R38
0
R65
0
R6
0
C40
OPEN
R12
OPEN
R5
OPEN
R2
OPEN
R63
0
R62
0
R1
0
R13
0
C1
100pF
C2
10µF
VCO_LDO
R72
0
C31
1nF
R16
0
R8
0
R7
0
C16
100pF
C17
0.1µF
C39
10µF
1
2
3
4
5
67
8
9
CLK
C32
330pF
C33
330pF
DATA
R52
1k
R50
1k
R51
1k
R35
100
R36
0
R3
10k
R17
0
R18
0
R30
100
C18
100pF
C34
330pF
R57
100
LE
VTUNE
VCC
C20
0.1µF
C23
0.1µF
C25
0.1µF
C27
0.1µF
C3
0.1µF
C21
100pF
C43
150pF
C42
150pF
R73, R74
C22
100pF
C24
100pF
C37
100pF
C38
100pF
VCC_RF
VCC_BB
VCC_LO
R32
0
R31
0
R29
0
C28
10µF
DECL1
CP
GND
RSET
REFIN
GND
MUXOUT
DECL2
VCC2
C19
0.1µF
R61
49.9
C41
10µF
Figure 82. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com