Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3108IDE Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3108IDE
Description  Ultralow Voltage Step-Up Converter and Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108IDE Datasheet(HTML) 4 Page - Linear Technology

  LTC3108IDE Datasheet HTML 1Page - Linear Technology LTC3108IDE Datasheet HTML 2Page - Linear Technology LTC3108IDE Datasheet HTML 3Page - Linear Technology LTC3108IDE Datasheet HTML 4Page - Linear Technology LTC3108IDE Datasheet HTML 5Page - Linear Technology LTC3108IDE Datasheet HTML 6Page - Linear Technology LTC3108IDE Datasheet HTML 7Page - Linear Technology LTC3108IDE Datasheet HTML 8Page - Linear Technology LTC3108IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3108
4
3108p
TYPICAL PERFORMANCE CHARACTERISTICS
IOUT vs dT and TEG Size,
1:100 Ratio
IOUT and Efficiency vs VIN,
1:20 Ratio Transformer
Input Resistance vs VIN
(VOUT Shorted)
IOUT vs VIN and Source Resistance,
1:20 Ratio
TA = 25°C, unless otherwise noted.
IOUT and Efficiency vs VIN,
1:50 Ratio Transformer
IOUT and Efficiency vs VIN,
1:100 Ratio Transformer
IOUT vs VIN and Source Resistance,
1:50 Ratio
IOUT vs VIN and Source Resistance,
1:100 Ratio
VIN (mV)
0
2000
2500
1500
1000
200
100
300
400
500
0
3000
40
50
30
20
10
0
60
3108 G01
IOUT
EFFICIENCY
VIN (mV)
0
1200
1500
900
600
200
100
300
400
300
0
1800
40
50
30
20
10
0
60
3108 G02
EFFICIENCY
IOUT
VIN (mV)
0
800
1000
600
400
200
100
300
400
200
0
1200
40
50
30
20
10
0
60
3108 G03
EFFICIENCY
IOUT
VIN (mV)
8
10
6
4
2
0
12
3108 G04
20
60
80
120
40
100
140
180
160
200
1:100 RATIO
1:50 RATIO
1:20 RATIO
VIN OPEN CIRCUIT (mV)
3108 G05
50
150
200
100
250
300
10
100
1000
10000
1Ω
2Ω
3Ω
5Ω
10Ω
15Ω
VIN OPEN CIRCUIT (mV)
3108 G06
20
60
80
120
40
100
140
180
160
200
1
10
100
1000
1Ω
2Ω
3Ω
5Ω
10Ω
15Ω
VIN OPEN CIRCUIT (mV)
3108 G07
20
60
80
120
40
100
140
180
160
200
1
10
100
1000
1Ω
2Ω
3Ω
5Ω
10Ω
15Ω
dT ACROSS TEG (°C)
0.1
1
10
100
1000
1
10
100
3108 G08
0.625" SQUARE
1.5" SQUARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com