Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3108IDE Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3108IDE
Description  Ultralow Voltage Step-Up Converter and Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108IDE Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3108IDE Datasheet HTML 9Page - Linear Technology LTC3108IDE Datasheet HTML 10Page - Linear Technology LTC3108IDE Datasheet HTML 11Page - Linear Technology LTC3108IDE Datasheet HTML 12Page - Linear Technology LTC3108IDE Datasheet HTML 13Page - Linear Technology LTC3108IDE Datasheet HTML 14Page - Linear Technology LTC3108IDE Datasheet HTML 15Page - Linear Technology LTC3108IDE Datasheet HTML 16Page - Linear Technology LTC3108IDE Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3108
13
3108p
COMPONENT SELECTION
Step-Up Transformer
The step-up transformer turns ratio will determine how
low the input voltage can be for the converter to start.
Using a 1:100 ratio can yield start-up voltages as low as
20mV. Other factors that affect performance are the DC
resistance of the transformer windings and the inductance
of the windings. Higher DC resistance will result in lower
efficiency. The secondary winding inductance will deter-
mine the resonant frequency of the oscillator, according
to the following formula.
Frequency
LC
Hz
=
1
2 •
•
(sec)•
π
Where L is the inductance of the transformer secondary
winding and C is the load capacitance on the secondary
winding. This is comprised of the input capacitance at pin
C2, typically 30pF, in parallel with the transformer secondary
winding’s shunt capacitance. The recommended resonant
frequency is in the range of 20kHz to 200kHz. See Table 4
for some recommended transformers.
Table 4. Recommended Transformers
VENDOR
PART NUMBER
Coilcraft
www.coilcraft.com
LPR6235-752SML (1:100 Ratio)
LPR6235-253PML (1:20 Ratio)
LPR6235-123QML (1:50 Ratio)
C1 Capacitor
The charge pump capacitor that is connected from the
transformer’s secondary winding to the C1 pin has an ef-
fect on converter input resistance and maximum output
current capability. Generally, a minimum value of 1nF is
recommended when operating from very low input volt-
ages using a transformer with a ratio of 1:100. Too large
a capacitor value can compromise performance when
operating at low input voltage or with high resistance
sources. For higher input voltages and lower turns ratios,
the value of the C1 capacitor can be increased for higher
output current capability. Refer to the Typical Applications
schematic examples for the recommended value for a
given turns ratio.
VOUT and VSTORE Capacitor
For pulsed load applications, the VOUT capacitor should
be sized to provide the necessary current when the load
is pulsed on. The capacitor value required will be dictated
by the load current, the duration of the load pulse, and
the amount of voltage droop the circuit can tolerate. The
capacitor must be rated for whatever voltage has been
selected for VOUT by VS1 and VS2.
CmF
ImA
t
V
OUT
LOAD
PULSE
OUT
()
(
) •
(sec)
≥
Δ
Note that there must be enough energy available from
the input voltage source for VOUT to recharge the capacitor
during the interval between load pulses (to be discussed
in the next example). Reducing the duty cycle of the load
pulse will allow operation with less input energy.
The VSTORE capacitor may be of very large value (thou-
sands of microfarads or even Farads), to provide holdup
at times when the input power may be lost. Note that this
capacitor can charge all the way to 5.25V (regardless of
the settings for VOUT), so ensure that the holdup capacitor
has a working voltage rating of at least 5.5V at the tem-
perature for which it will be used. The VSTORE capacitor
can be sized using the following:
C
µA I
I
I
t f
TSTORE
STORE
Q
LDO
BURST
≥
++
+
⎡⎣
⎤⎦
6
5
(• • ) •
..25
− V
OUT
Where 6μA is the quiescent current of the LTC3108, IQ is
the load on VOUT in between bursts, ILDO is the load on the
LDO between bursts, IBURST is the total load during the
burst, t is the duration of the burst, f is the frequency of
the bursts, TSTORE is the storage time required and VOUT
is the output voltage required. Note that for a programmed
output voltage of 5V, the VSTORE capacitor cannot provide
any beneficial storage time.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com