Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3108IDE Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3108IDE
Description  Ultralow Voltage Step-Up Converter and Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108IDE Datasheet(HTML) 2 Page - Linear Technology

  LTC3108IDE Datasheet HTML 1Page - Linear Technology LTC3108IDE Datasheet HTML 2Page - Linear Technology LTC3108IDE Datasheet HTML 3Page - Linear Technology LTC3108IDE Datasheet HTML 4Page - Linear Technology LTC3108IDE Datasheet HTML 5Page - Linear Technology LTC3108IDE Datasheet HTML 6Page - Linear Technology LTC3108IDE Datasheet HTML 7Page - Linear Technology LTC3108IDE Datasheet HTML 8Page - Linear Technology LTC3108IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3108
2
3108p
ABSOLUTE MAXIMUM RATINGS
SW Voltage ..................................................–0.3V to 2V
C1 Voltage....................................................–0.3V to 6V
C2 Voltage.......................................................–8V to 8V
VOUT2, VOUT2_EN...........................................–0.3V to 6V
VAUX.................................................... 15mA into VAUX
(Note 1)
12
11
10
9
8
7
13
GND
1
2
3
4
5
6
SW
C2
C1
VOUT2_EN
VS1
VS2
VAUX
VSTORE
VOUT
VOUT2
VLDO
PGD
TOP VIEW
DE PACKAGE
12-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB (NOTE 4)
GN PACKAGE
16-LEAD PLASTIC SSOP NARROW
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
VAUX
VSTORE
VOUT
VOUT2
VLDO
PGD
GND
GND
SW
C2
C1
VOUT2_EN
VS1
VS2
GND
TJMAX = 125°C, θJA = 110°C/W, θJC = 40°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3108EDE#PBF
LTC3108EDE#TRPBF
LFJM
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3108IDE#PBF
LTC3108IDE#TRPBF
LFJM
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3108EGN#PBF
LTC3108EGN#TRPBF
3108
16-Lead Plastic SSOP
–40°C to 85°C
LTC3108IGN#PBF
LTC3108IGN#TRPBF
3108
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VS1, VS2, VAUX, VOUT, PGD........................–0.3V to 6V
VLDO, VSTORE ............................................–0.3V to 6V
Operating Temperature (Note 2).............. –40°C to 85°C
Storage Temperature Range.................. –65°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com