Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3108IDE Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3108IDE
Description  Ultralow Voltage Step-Up Converter and Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108IDE Datasheet(HTML) 3 Page - Linear Technology

  LTC3108IDE Datasheet HTML 1Page - Linear Technology LTC3108IDE Datasheet HTML 2Page - Linear Technology LTC3108IDE Datasheet HTML 3Page - Linear Technology LTC3108IDE Datasheet HTML 4Page - Linear Technology LTC3108IDE Datasheet HTML 5Page - Linear Technology LTC3108IDE Datasheet HTML 6Page - Linear Technology LTC3108IDE Datasheet HTML 7Page - Linear Technology LTC3108IDE Datasheet HTML 8Page - Linear Technology LTC3108IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3108
3
3108p
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3108E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
Using 1:100 Transformer Turns Ratio
20
50
mV
No-Load Input Current
Using 1:100 Transformer Turns Ratio; VIN = 20mV,
VOUT2_EN = 0V; All Outputs Charged and in Regulation
3mA
Input Voltage Range
Using 1:100 Transformer Turns Ratio
l
VSTARTUP
500
mV
Output Voltage
VS1 = VS2 = GND
VS1 = VAUX, VS2 = GND
VS1 = GND, VS2 = VAUX
VS1 = VS2 = VAUX
l
2.30
3.234
4.018
4.90
2.350
3.300
4.100
5.000
2.40
3.366
4.182
5.10
V
V
V
V
VOUT Quiescent Current
VOUT = 3.3V, VOUT2_EN = 0V
0.4
μA
VAUX Quiescent Current
No Load, All Outputs Charged
6
μA
LDO Output Voltage
0.5mA Load
l
2.156
2.2
2.244
V
LDO Load Regulation
For 0mA to 2mA Load
0.5
1
%
LDO Line Regulation
For VAUX from 2.5V to 5V
0.01
0.02
%
LDO Dropout Voltage
ILDO = 2mA
l
100
200
mV
LDO Current Limit
l
34
6
mA
VOUT Current Limit
l
4.5
7
mA
VSTORE Current Limit
l
4.5
7
mA
VAUX Clamp Voltage
Current into VAUX = 5mA
l
5
5.25
5.5
V
VSTORE Leakage Current
VSTORE = 5V
0.1
μA
VOUT2 Leakage Current
VOUT2 = 0V, VOUT2_EN = 0V
1
μA
VS1, VS2 Threshold Voltage
l
0.4
0.85
1.2
V
VS1, VS2 Input Current
VS1 = VS2 = 5V
0.01
0.1
μA
PGOOD Threshold (Rising)
Measured Relative to the VOUT Voltage
–7
%
PGOOD Threshold (Falling)
Measured Relative to the VOUT Voltage
–9
%
PGOOD VOL
Sink Current = 100μA
0.3
0.5
V
PGOOD VOH
Source Current = 0
2.1
2.2
2.3
V
PGOOD Pull-Up Resistance
1MΩ
VOUT2_EN Threshold Voltage
VOUT2_EN Rising
l
0.4
1
1.3
V
VOUT2_EN Pull-Down Resistance
5MΩ
VOUT2 Turn-On Time
5μs
VOUT2 Turn-Off Time
(Note 3)
0.15
μs
VOUT2 Current Limit
l
0.2
0.3
0.5
A
VOUT2 Current Limit Response Time
(Note 3)
350
ns
VOUT2 P-Channel MOSFET On-Resistance
VOUT = 3.3V (Note 3)
1.3
Ω
N-Channel MOSFET On-Resistance
C2 = 5V (Note 3)
0.5
Ω
The l denotes the specifications which apply over the specified operating
junction temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VAUX = 5V, unless otherwise noted.
with statistical process controls. The LTC3108I is guaranteed to meet
specifications over the full –40°C to 85°C operating temperature range.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
Note 4: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
43°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com