Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1E4 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7FSCR1E4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1E4 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7FSCR1E4 Datasheet HTML 35Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 36Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 37Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 38Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 39Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 40Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 41Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 42Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
ST7SCR
39/102
11 LEDs
Each of the four available LEDs can be selected
using the LED_CTRL register. Two types of LEDs
are supported: 3mA and 7mA.
LED_CTRL REGISTER
Reset Value: 0000 0000 (00h)
Read /Write
Bits 7:4 = LDx
LED Enable
0: LED disabled
1: LED enabled
Bits 3:0 = LDx_I
Current selection on LDx
0: 3mA current on LDx pad
1: 7mA current on LDx pad
70
LD3
LD2
LD1
LD0
LD3_I
LD2_I
LD1_I
LD0_I
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com