Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1E4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7FSCR1E4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1E4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7FSCR1E4 Datasheet HTML 6Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 7Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 8Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 9Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 10Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 11Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 12Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 13Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
ST7SCR
10/102
PIN DESCRIPTION (Cont’d)
Figure 4. Smartcard Interface Reference Application
Note 1: Refer to Section 6 on page 20.
LED0
DM
DP
USBVcc
OSCIN
OSCOUT
VPP
DIODE
CRDCLK
CRDRST
CRDVCC
PA6
CRDIO
C8
CRDDET
PA0
VDDA
C4
GNDA
PA1
NC
GND
VDD
SELF
VDD
CL1
CL2
C7
C8
C9
VDD
L1
C5
D1
R
LED
C4
VBUS
D-
D+
GND
SHIELD
C2
C1
C3
C6
VDD
VDD
D+
D-
Mandatory values for the external components :
C2 : 4.7 µF,ESR 0.5 Ohm
L1 : 10 µH, 2 Ohm
C7 : 4.7 µF,ESR 0.5 Ohm
C5 : 1 nF
Crystal 4.0 MHz, Impedance max100 Ohm
Cl1, Cl2 1)
D1: BAT42 SHOTTKY
C6 : 100 nF
C8 : 470 pF
C9 : 100 pF
C1 : 100nF
C3 : 1 µF
C4 : 4.7 µF
R : 1.5kOhm
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com